Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2805 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT2805
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2805 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT2805 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT2805 Datasheet HTML 16Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Table 4: Maximum Current Settings Address 4.
Disabled Current Sinks
The backlight charge pump is equipped with an auto-
disable feature to protect against an LED failure con-
dition. Current sink inputs that are not used should
be disabled.
To disable and properly terminate
unused current sink inputs, they must be tied to VOUT.
If left unconnected or terminated to ground, the part
will be forced to operate in 2X charge pump mode.
Properly terminating unused current sink inputs is
important to prevent the charge pump modes from
activating prematurely. When properly terminated,
only a small sense current flows for each disabled
channel. The sense current for each disabled chan-
nel is less than 120µA.
Applications Information
LED Selection
The AAT2805 is specifically intended for driving white
LEDs. However, the device design will allow the
AAT2805 to drive most types of LEDs with forward
voltage specifications ranging from 2.0V to 4.3V.
LED applications may include main display back-
lighting, camera photo-flash applications, color
(RGB) LEDs, infrared (IR) diodes for remotes, and
other loads benefiting from a controlled output cur-
rent generated from a varying input voltage. Since
the D1 to D4 input current sinks are matched with
negligible voltage dependence, the LED brightness
will be matched regardless of the specific LED for-
ward voltage (VF) levels.
In some instances (e.g., in high-luminous-output
applications such as photo flash), it may be neces-
sary to drive high-VF type LEDs. The low dropout cur-
rent sinks in the AAT2805 make it capable of driving
LEDs with forward voltages as high as 4.3V at full
current from an input supply as low as 3.0V. Outputs
can be paralleled to drive high-current LEDs without
complication.
Data
Max Current
1
20mA Max Scale
2
30mA Max Scale
3
15mA Max Scale
4
Low Current Mode
AAT2805
Dual High Efficiency Charge Pump
for White LED and Flash Applications
2805.2006.04.1.7
13
AS2Cwire Serial Interface Timing Diagram
Address
Data
1
EN/SET
2
17
18
Address
Data Reg 1
Data Reg 2
1
2 . . .
n <= 16
01
0
0
n
THI
TLO
TLAT
TLAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com