Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100HA643JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100HA643JC
Description  DUAL SUPPLY OCTAL ECL-TO-TTL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100HA643JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100HA643JC Datasheet HTML 1Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 2Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 3Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 4Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Precision Edge®
SY100HA643
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
IVT = OVT = 5.0V
±5%; VEE = –4.2V to –5.5V; VCCE = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IEE
ECL
—58
—
58
—58
—
58
mA
VEE Pins
ICCL
Power Supply
TTL
—
83
—
83
—
83
—
83
mA
Total all OVT
ICCH
—
73
—
73
—
73
—
73
mA
and IVT pins
VOH
TTL Output HIGH
2.5
—
2.5
—
2.5
—
2.5
—
V
IOH = –3.0mA
Voltage
2.0
—
2.0
—
2.0
—
2.0
—
IOH = –15mA
VOL
TTL Output LOW Voltage
—
0.5
—
0.5
—
0.5
—
0.5
V
IOL = 48mA
IOS
TTL Output Short Circuit
Current
–80
–200
–80
–200
–80
–200
–80
–200
mA
VOUT = 0V
IIH
ECL Input HIGH Current
—
225
—
225
—
175
—
175
µA
IIL
ECL Input LOW Current
0.5
—
0.5
—
0.5
—
0.5
—
µA
VIH
ECL Input HIGH Voltage
—
—
–1165
–880
–1165
–880
–1165
–880
mV
VIL
ECL Input LOW Voltage
—
—
–1810
–1475
–1810
–1475
–1810
–1475
mV
VBB
ECL Output Reference
Voltage
–1380
–1260
–1380
–1260
–1380
–1260
–1380
–1260
mV
D
LEN
EN
Q
LL
L
L
HL
L
H
XX
H
L
TRUTH TABLE
DC CHARACTERISTICS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com