Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZD23 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZD23
Description  Voltage regulator diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZD23 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZD23 Datasheet HTML 1Page - NXP Semiconductors BZD23 Datasheet HTML 2Page - NXP Semiconductors BZD23 Datasheet HTML 3Page - NXP Semiconductors BZD23 Datasheet HTML 4Page - NXP Semiconductors BZD23 Datasheet HTML 5Page - NXP Semiconductors BZD23 Datasheet HTML 6Page - NXP Semiconductors BZD23 Datasheet HTML 7Page - NXP Semiconductors BZD23 Datasheet HTML 8Page - NXP Semiconductors BZD23 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1996 Jun 10
3
Philips Semiconductors
Product specification
Voltage regulator diodes
BZD23 series
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
Per type when used as voltage regulator diodes
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 0.2 A; see Fig.6
1.2
V
TYPE
No.
SUFFIX
(1)
WORKING VOLTAGE
DIFFERENTIAL
RESISTANCE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
REVERSE CURRENT
at REVERSE VOLTAGE
VZ (V) at IZ
rdif (Ω)atIZ
SZ (%/K) at IZ
IZ (mA)
IR (µA)
VR (V)
MIN.
NOM.
MAX.
TYP.
MAX.
MIN.
MAX.
MAX.
C3V6
3.4
3.6
3.8
4
8
−0.14
−0.04
100
100
1
C3V9
3.7
3.9
4.1
4
8
−0.14
−0.04
100
50
1
C4V3
4.0
4.3
4.6
4
7
−0.12
−0.02
100
25
1
C4V7
4.4
4.7
5.0
3
7
−0.10
0.00
100
10
1
C5V1
4.8
5.1
5.4
3
6
−0.08
−0.02
100
5
1
C5V6
5.2
5.6
6.0
2
4
−0.04
0.04
100
10
2
C6V2
5.8
6.2
6.6
2
3
−0.01
0.06
100
5
2
C6V8
6.4
6.8
7.2
1
3
0.00
0.07
100
10
3
C7V5
7.0
7.5
7.9
1
2
0.00
0.07
100
50
3
C8V2
7.7
8.2
8.7
1
2
0.03
0.08
100
10
3
C9V1
8.5
9.1
9.6
2
4
0.03
0.08
50
10
5
C10
9.4
10
10.6
2
4
0.05
0.09
50
7
7.5
C11
10.4
11
11.6
4
7
0.05
0.10
50
4
8.2
C12
11.4
12
12.7
4
7
0.05
0.10
50
3
9.1
C13
12.4
13
14.1
5
10
0.05
0.10
50
2
10
C15
13.8
15
15.6
5
10
0.05
0.10
50
1
11
C16
15.3
16
17.1
6
15
0.06
0.11
25
1
12
C18
16.8
18
19.1
6
15
0.06
0.11
25
1
13
C20
18.8
20
21.2
6
15
0.06
0.11
25
1
15
C22
20.8
22
23.3
6
15
0.06
0.11
25
1
16
C24
22.8
24
25.6
7
15
0.06
0.11
25
1
18
C27
25.1
27
28.9
7
15
0.06
0.11
25
1
20
C30
28
30
32
8
15
0.06
0.11
25
1
22
C33
31
33
35
8
15
0.06
0.11
25
1
24
C36
34
36
38
21
40
0.06
0.11
10
1
27
C39
37
39
41
21
40
0.06
0.11
10
1
30
C43
40
43
46
24
45
0.07
0.12
10
1
33
C47
44
47
50
24
45
0.07
0.12
10
1
36



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com