Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3129 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT3129
Description  High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3129 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT3129 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AAT3129
High Efficiency 1X/1.5X/2X Charge Pump
for RGB Color LED Applications
3129.2007.01.1.4
13
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1μF are typically
made from NPO or C0G materials. NPO and C0G
materials typically have tight tolerance and are sta-
ble over temperature. Larger capacitor values are
typically composed of X7R, X5R, Z5U, or Y5V
dielectric materials. Large ceramic capacitors, typi-
cally greater than 2.2μF, are often available in low-
cost Y5V and Z5U dielectrics, but capacitors
greater than 1μF are typically not required for
AAT3129 applications.
Capacitor area is another contributor to ESR.
Capacitors that are physically large will have a
lower ESR when compared to a smaller capacitor
made from an equivalent material. These larger
devices can improve circuit transient response
when compared to an equal value capacitor in a
smaller package size.
Layout Considerations
The AAT3129 is a high-performance device that
operates with a high switching frequency. To ensure
optimal device performance and accommodate the
fast transients generated by the AAT3129 special
attention should be given to the board layout.
The recommended layout is illustrated in Figure 1.
The traces connecting C1 and C2 experience fast
current transients. As a result, the trace lengths for
C1 and C2 should be minimized by placing the
components as closely as possible to the IC. This
will minimize path resistance and reduce ringing
due to the inductance associated with trace length.
For best IC performance, CIN and COUT are placed
as closely as possible to the IN and CP pins and
are connected to a solid ground.
Figure 1: Optimal PCB Layout.
GND
GND
C1
C2
CIN
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com