Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3153 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT3153
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3153 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT3153 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 14Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AAT3153
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
3153.2005.12.0.93
13
Ordering Information
Package Information
QFN44-16
All dimensions in millimeters.
Pin 1 Dot By Marking
4.000
± 0.050
2.280 REF
Pin 1 Identification
R0.030Max
1
4
5
8
9
13
16
0.203
± 0.025
0.330
± 0.050
Top View
Bottom View
Side View
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking
1
Part Number (Tape and Reel)
2
QFN44-16
AAT3153ISN-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com