Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3167 Datasheet(PDF) 13 Page - Advanced Analog Technology, Inc.

Part # AAT3167
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3167 Datasheet(HTML) 13 Page - Advanced Analog Technology, Inc.

Back Button AAT3167 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 14Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Ordering Information
Package Information
STDFN33-14
All dimensions in millimeters.
Top View
Bottom View
3.000
± 0.050
Index Area
Detail "A"
1.700
± 0.050
0.025
± 0.025
Detail "A"
Side View
0.425
± 0.050
Pin 1 Indicator
(Optional)
R0.2
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking1
Part Number (Tape and Reel)2
STDFN33-14
UCXYY
AAT3167IFO-T1
QFN44-16
PWXYY
AAT3167ISN-T1
AAT3167
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
3167.2007.03.1.4
13
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
3. The leadless package family, which includes QFN, TQFN, DFN, TDFN and STDFN, has exposed copper (unplated) at the end of the
lead terminals due to the manufacturing process. A solder fillet at the exposed copper edge cannot be guaranteed and is not required
to ensure a proper bottom solder connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com