Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3697 Datasheet(PDF) 21 Page - Advanced Analogic Technologies

Part # AAT3697
Description  2A Lithium-Ion/Polymer Battery Charger
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3697 Datasheet(HTML) 21 Page - Advanced Analogic Technologies

Back Button AAT3697 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 16Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 17Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 18Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 19Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 20Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 21Page - Advanced Analogic Technologies AAT3697 Datasheet HTML 22Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AAT3697
2A Lithium-Ion/Polymer Battery Charger
3697.2007.02.1.1
21
Ordering Information
Package Information3
TDFN33-12
All dimensions in millimeters.
Top View
Bottom View
Detail "A"
Side View
3.00
± 0.05
Index Area
Detail "A"
1.70
± 0.05
0.05
± 0.05
0.43
± 0.05
0.1 REF
Pin 1 Indicator
(optional)
C0.3
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Trickle Charge
Package
Marking1
Part Number (Tape and Reel)2
Yes
TDFN33-12
VCXYY
AAT3697IWP-4.2-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
3. The leadless package family, which includes QFN, TQFN, DFN, TDFN and STDFN, has exposed copper (unplated) at the end of the
lead terminals due to the manufacturing process. A solder fillet at the exposed copper edge cannot be guaranteed and is not required
to ensure a proper bottom solder connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com