Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S366FC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S366FC
Description  9-BIT COMPARATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S366FC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S366FC Datasheet HTML 1Page - Micrel Semiconductor SY100S366FC Datasheet HTML 2Page - Micrel Semiconductor SY100S366FC Datasheet HTML 3Page - Micrel Semiconductor SY100S366FC Datasheet HTML 4Page - Micrel Semiconductor SY100S366FC Datasheet HTML 5Page - Micrel Semiconductor SY100S366FC Datasheet HTML 6Page - Micrel Semiconductor SY100S366FC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SY100S366
Micrel, Inc.
M9999-032406
hbwhelp@micrel.com or (408) 955-1690
Inputs
Outputs
A8B8
A7B7
A6B6
A5B5
A4B4
A3B3
A2B2
A1B1
A0B0
A > B
B > A
A = B
HL
HL
H
LH
LH
H
A8 =B8
HL
HL
H
A8 =B8
LH
LH
H
A8 =B8
A7 =B7
HL
HL
H
A8 =B8
A7 =B7
LH
LH
H
A8 =B8
A7 =B7
A6 =B6
HL
H
L
H
A8 =B8
A7 =B7
A6 =B6
LH
L
H
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
HL
H
L
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
LH
L
H
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
HL
H
L
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
LH
L
H
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
A3 =B3
HL
H
L
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
A3 =B3
LH
L
H
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
A3 =B3
A2 =B2
HL
H
L
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
A3 =B3
A2 =B2
LH
L
H
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
A3 =B3
A2 =B2
A1 =B1
HL
H
L
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
A3 =B3
A2 =B2
A1 =B1
LH
L
H
H
A8 =B8
A7 =B7
A6 =B6
A5 =B5
A4 =B4
A3 =B3
A2 =B2
A1 =B1
A0 =B0
LH
H
Note:
1. H = HIGH Voltage Level, L = LOW Voltage Level, Blank = X = Don't Care
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
——
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–120
–86
–60
mA
Inputs Open
TRUTH TABLE(1)
AC ELECTRICAL CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
400
1600
400
1600
400
1600
ps
tPHL
Data to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com