Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZV49 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZV49
Description  Voltage regulator diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZV49 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZV49 Datasheet HTML 1Page - NXP Semiconductors BZV49 Datasheet HTML 2Page - NXP Semiconductors BZV49 Datasheet HTML 3Page - NXP Semiconductors BZV49 Datasheet HTML 4Page - NXP Semiconductors BZV49 Datasheet HTML 5Page - NXP Semiconductors BZV49 Datasheet HTML 6Page - NXP Semiconductors BZV49 Datasheet HTML 7Page - NXP Semiconductors BZV49 Datasheet HTML 8Page - NXP Semiconductors BZV49 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2005 Feb 03
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZV49 series
FEATURES
• Total power dissipation: max. 1 W
• Tolerance series: approx. ±5%
• Working voltage range: nom. 2.4 to 75 V (E24 range)
• Non-repetitive peak reverse power dissipation:
max. 40 W.
APPLICATIONS
• General regulation functions.
DESCRIPTION
Medium-power voltage regulator diodes in a SOT89
plastic SMD package.
The diodes are available in the normalized E24 approx.
±5% tolerance range. The series consists of 37 types with
nominal working voltages from 2.4 to 75 V (BZV49-C2V4
to BZV49-C75).
PINNING
PIN
DESCRIPTION
1
anode
2
cathode
3
anode
321
sym096
2
3
1
Fig.1 Simplified outline (SOT89) and symbol.
ORDERING INFORMATION
Note
1. The series consists of 37 types with nominal working voltages from 2.4 to 75 V (E24 range).
MARKING
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BZV49-C2V4 to
BZV49-C75
note 1
SC-62
plastic surface mounted package; collector pad for good heat
transfer; 3 leads
SOT89
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BZV49-C2V4
2Y4
BZV49-C6V2
6Y2
BZV49-C16
16Y
BZV49-C43
43Y
BZV49-C2V7
2Y7
BZV49-C6V8
6Y8
BZV49-C18
18Y
BZV49-C47
47Y
BZV49-C3V0
3Y0
BZV49-C7V5
7Y5
BZV49-C20
20Y
BZV49-C51
51Y
BZV49-C3Y3
3Y3
BZV49-C8V2
8Y2
BZV49-C22
22Y
BZV49-C56
56Y
BZV49-C3V6
3Y6
BZV49-C9V1
9Y1
BZV49-C24
24Y
BZV49-C62
62Y
BZV49-C3V9
3Y9
BZV49-C10
10Y
BZV49-C27
27Y
BZV49-C68
68Y
BZV49-C4V3
4Y3
BZV49-C11
11Y
BZV49-C30
30Y
BZV49-C75
75Y
BZV49-C4V7
4Y7
BZV49-C12
12Y
BZV49-C33
33Y
−−
BZV49-C5V1
5Y1
BZV49-C13
13Y
BZV49-C36
36Y
−−
BZV49-C5V6
5Y6
BZV49-C15
15Y
BZV49-C39
39Y
−−



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com