Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-LED-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # M22-LED-R
Description  LED￿element,￿red,￿front￿mount,￿12-30VAC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

M22-LED-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  M22-LED-R Datasheet HTML 1Page - Eaton All Rights Reserved. M22-LED-R Datasheet HTML 2Page - Eaton All Rights Reserved. M22-LED-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
07/26/2016
216558 - HPL-ED2016 V24.0 EN
1 / 3
LED￿element,￿red,￿front￿mount,￿12-30VAC/DC
Part￿no. 
M22-LED-R
Article￿no. 
216558
Catalog￿No. 
M22-LED-RQ
Delivery￿programme
Product range
 
 
RMQ-Titan (drilling dimensions 22.5 mm)
Basic function
 
 
LED elements
Single unit/Complete unit
 
 
Single unit
Fixing
 
 
Front fixing
Connection technique
 
 
Screw terminals
Rated operational voltage
Ue
V
12 - 30 V AC/DC, 50/60 Hz
Rated￿operational￿current
Ie
mA
8 - 15
Power consumption
Pmax.
W
0.26
 
 
 
at 24 V
Colour
 
 
 
 
 
 
 
 
 
Red
Degree of Protection
 
 
IP20
Connection to SmartWire-DT
 
 
no
Notes
For indicator lights, illuminated pushbutton actuators, and illuminated selector switch actuators, the following applies:
M22...-R only in combination with M22-LED...-R
M22...-G only in combination with M22-LED...-G
M22...-W only in combination with M22-LED...-W
M22...-Y only in combination with M22-LED...-W
M22…-B in combination with M22-LED…-W or M22-LED…-B
Technical￿data
General
Standards
 
 
IEC/EN 60947
VDE 0660
Operating torque (screw terminals)
 
Nm
0.8
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
 
 
 
Open
 
°C
-25 - +70
Storage
 
°C
- 40 - + 80
Mounting position
 
 
As required
Mechanical shock resistance
 
g
30
Shock duration 11 ms
Sinusoidal
according to IEC 60068-2-27
Terminal capacities
 
mm2
 
Solid
 
mm2
0.75 - 2.5
Stranded
 
mm2
0.5 - 2.5


Similar Part No. - M22-LED-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M22-LED-R ETC2-M22-LED-R Datasheet
178Kb / 4P
Pushbuttons and Indicating Lights
More results

Similar Description - M22-LED-R

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BG1200 BOT-BG1200 Datasheet
109Kb / 2P
12 Element Bargraph
ORT2400 BOT-ORT2400 Datasheet
46Kb / 2P
4 ELEMENT PCB MOUNT 1.8mm LED ARRAY
logo
PHOENIX CONTACT
2700096 PHOENIX-2700096 Datasheet
58Kb / 4P
Permanent light element, 12 to 240 V AC/DC, red, without bulb
2700101 PHOENIX-2700101 Datasheet
59Kb / 4P
Flashing beacon element, 24 V DC, red, Xenon flash tube
2700107 PHOENIX-2700107 Datasheet
66Kb / 3P
LED permanent light element, 24 V AC/DC, red
2700121 PHOENIX-2700121 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
2700123 PHOENIX-2700123 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
2700128 PHOENIX-2700128 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
2700132 PHOENIX-2700132 Datasheet
138Kb / 5P
LED blinking light element, 24혻V혻AC/DC
logo
Eaton All Rights Reserv...
M22-LED-W EATON-M22-LED-W Datasheet
220Kb / 3P
LED￿element,￿white,￿front￿mount,￿12-30VAC/DC
07/26/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com