Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK186EU Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK186EU
Description  DUAL HIGH VOLTAGE/ VERY HIGH CURRENT OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK186EU Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK186EU Datasheet HTML 1Page - M.S. Kennedy Corporation MSK186EU Datasheet HTML 2Page - M.S. Kennedy Corporation MSK186EU Datasheet HTML 3Page - M.S. Kennedy Corporation MSK186EU Datasheet HTML 4Page - M.S. Kennedy Corporation MSK186EU Datasheet HTML 5Page - M.S. Kennedy Corporation MSK186EU Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Total Supply Voltage
Peak Output Current (within S.O.A.)
Input Voltage
Input Voltage
Junction Temperature
60V
10A
(-VCC)-0.5V to (+VCC)+0.5V
(-VCC)-0.1V to (+VCC)-3V
Internal Protection
(See Application Note)
Storage Temperature Range
Lead Temperature Range
(10 seconds)
Case Operating Temperature
MSK186H/E
MSK186
Thermal Resistance (Per Amplifier)
Junction to Case @ 125°C
STATIC
Supply Voltage Range
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Bias Current
Input Offset Current
Input Impedance
Input Capacitance
Common Mode Rejection Ratio
Input Voltage Noise Density
OUTPUT
Output Current
Output Disable Time
Output Enable Time
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Settling Time ±0.1%
Max.
60
±35
±38
-
±7.5
-
±500
±50
-
-
-
-
-
-
-
-
VR+0.8
-
-
-
-
-
-
-
-65°C to +150°C
300°C
-55°C to +125°C
-25°C to +85°C
1.2°C/W
1
2
3
4
5
6
7
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
RTH
VCC
±IOUT
VIND
VCM
TJ
-Vcc to +Vcc
VIN=0V
VIN=0V
VIN=0V
VIN=OV
f=DC Differential
f=DC Differential
(-VCC
)-0.1
≤ VIN ≤ (+VCC)-3V
f=1KHZ
IOUT=2.0A
IOUT=8.0A
Continuous
VE/S High- Output Enabled E/S Open or High
VE/S Low- Output Disabled E/S Forced Low
IE/S High- Output Enabled E/S Indicates High
IE/S Low- Output Disabled E/S Indicates Low
AV=1 VOUT= 50Vp-p RL=4
Ω
VOUT=±25V RL=1K
Ω
AV=-10 50V Step
Group A
Subgroup
-
1
2,3
-
1
-
1
1
-
-
1
-
4
4
4
4
4
-
-
-
-
-
4
-
Typ.
-
±26
±26
±6
±1
±20
±100
±5
10
6
95
70
±27.5
±26
-
-
-
-50
-55
1
3
9
110
20
Min.
8
-
-
-
-
-
-
±1
-
-
80
-
±26.5
±25
±8
VR+2.4
-
-
-
-
-
-
100
-
Min.
8
-
-
-
-
-
-
-
-
-
75
-
±26.5
±25
±8
VR+2.4
-
-
-
-
-
-
100
-
Max.
60
±38
-
-
±10
-
±750
±75
-
-
-
-
-
-
-
-
VR+0.8
-
-
-
-
-
-
-
Typ.
-
±26
-
±6
±1
±20
±100
±5
10
6
95
70
±27.5
±26
-
-
-
-50
-55
1
3
9
110
20
Units
V
mA
mA
mA
mV
µV/°C
nA
nA
Ω
pF
dB
nV/
√HZ
V
V
A
V
V
µA
µA
µS
µS
V/µS
dB
µS
MSK186H/E
MSK186
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
1
NOTES:
Quiescent Current (Per Amp)
2
Quiescent Current (Per Amp)
VIN=0V
Overcurrent or TempShutdown Mode VIN=0V
7
7
Enable/
Shutdown Input
Output Voltage Swing
3
3
3
3
3
2
3
3
3
3
Unless otherwise specified ±VCC= ±30VDC, VR=0V and E/S Pin is open.
All electrical specifications apply to each amplifier.
Devices shall be capable of meeting the parameter, but need not to be tested. Typical parameters are for reference only.
Industrial grade and 'E' suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 1,4 TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-55°C
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
7
PRELIMINARY
Rev. B 11/06



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com