Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS202000JCBNR Datasheet(PDF) 15 Page - C&K Components

Part # JS202000JCBNR
Description  Sub-Miniature Slide Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS202000JCBNR Datasheet(HTML) 15 Page - C&K Components

Back Button JS202000JCBNR Datasheet HTML 7Page - C&K Components JS202000JCBNR Datasheet HTML 8Page - C&K Components JS202000JCBNR Datasheet HTML 9Page - C&K Components JS202000JCBNR Datasheet HTML 10Page - C&K Components JS202000JCBNR Datasheet HTML 11Page - C&K Components JS202000JCBNR Datasheet HTML 12Page - C&K Components JS202000JCBNR Datasheet HTML 13Page - C&K Components JS202000JCBNR Datasheet HTML 14Page - C&K Components JS202000JCBNR Datasheet HTML 15Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
I–64
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
22 Sep 22
JS Series
Sub-Miniature Slide Switches
B
B
A
A
.630
± .008
16 ± 0,2
[]
.016
0,4
[]
.315
± .004
8 ± 0,1
[]
.098
2,5
[]
.330
8,4
[]
.079
2
[]
.157
± .004
4 ± 0,1
[]
ø .059
+.004
-.000
1,5
+0,1
-0,0
[]
.295
7,5
[]
.069
1,75
[]
.217
5,5
[]
TAPE AND REEL FOR PART NUMBER JS102000SAQN
Quantity per reel 4000
RIGHT ANGLE SURFACE MOUNT
LOW PROFILE .028±.004 (0.7±0.1) HIGH
Part Number
JS102000SAQN
SPDT
7.82
4.5
0.12
3.2
1.5
1.3±0.05
0.75
0.6
1.82
0.7±0.4
0.5±0.1
4±0.1
0.75±0.05
0.05
0.18
0.4
3X 0.4
6.7
8.5
6.5
4
5.3
3.7
0.8
2.3
0.18
1.5
2X 0.9+0.1
0
1
0.8 0
-0.1
2X 0.2 X 45
SCHEMATIC
12
C
3
RECOMMENDED PC MOUNTING
Specifications
CONTACT RATING: 5 VDC @ 1mA
ELECTRICAL LIFE: 15,000 cycles.
CONTACT RESISTANCE: <100 m ohms (initial) <200 m ohms (after processing).
INSULATION RESISTANCE: 100 m ohms @500 VDC.
DIELECTRIC STRENGTH: 250 VAC.
OPERATING TEMPERATURE: -40ºC to +85ºC
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com