Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS102011JCBNL Datasheet(PDF) 13 Page - C&K Components

Part # JS102011JCBNL
Description  Sub-Miniature Slide Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS102011JCBNL Datasheet(HTML) 13 Page - C&K Components

Back Button JS102011JCBNL Datasheet HTML 7Page - C&K Components JS102011JCBNL Datasheet HTML 8Page - C&K Components JS102011JCBNL Datasheet HTML 9Page - C&K Components JS102011JCBNL Datasheet HTML 10Page - C&K Components JS102011JCBNL Datasheet HTML 11Page - C&K Components JS102011JCBNL Datasheet HTML 12Page - C&K Components JS102011JCBNL Datasheet HTML 13Page - C&K Components JS102011JCBNL Datasheet HTML 14Page - C&K Components JS102011JCBNL Datasheet HTML 15Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
I–62
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
A
A
21
3X 120°
13
21
330
2
30.4
24.4
2
4
12
24
0.4
5
11.5
1.75
1.5+0.1
0
REEL
COVER TAPE
SEE DETAIL A
SCALE 2:1
A
DETAIL
FEED DIRECTION
A-A
SECTION
TAPE AND REEL FOR PART NUMBER JS203011JAQN
Quantity per reel 1000
JS Series
Sub-Miniature Slide Switches
B
B
AA
21
24.4
30.4
330
3X R1
3X 2 0.5
21
13
8
13.4
11.5
1.75 TYP
2 TYP
4 TYP
12
24±0.2
1.5 TYP
2 TYP
COVER TAPE
CARRIER TAPE
SCALE 2:1
REEL
SCALE 1/4:1
B-B
SECTION
A-A
SECTION
SEE DETAIL D
SCALE 1:1
D
DETAIL
TAPE AND REEL FOR PART NUMBER JS203011SCQN, JS203011JCQN
Quantity per reel 900
22 Sep 22
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com