Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS202000JCBNL Datasheet(PDF) 14 Page - C&K Components

Part # JS202000JCBNL
Description  Sub-Miniature Slide Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS202000JCBNL Datasheet(HTML) 14 Page - C&K Components

Back Button JS202000JCBNL Datasheet HTML 7Page - C&K Components JS202000JCBNL Datasheet HTML 8Page - C&K Components JS202000JCBNL Datasheet HTML 9Page - C&K Components JS202000JCBNL Datasheet HTML 10Page - C&K Components JS202000JCBNL Datasheet HTML 11Page - C&K Components JS202000JCBNL Datasheet HTML 12Page - C&K Components JS202000JCBNL Datasheet HTML 13Page - C&K Components JS202000JCBNL Datasheet HTML 14Page - C&K Components JS202000JCBNL Datasheet HTML 15Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
I
I–63
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
B
AA
13.5
4
16
7.6
0.4
8.8
4
5.9
330
100
20
16
2
13
21
120°
1.5
1.75
COVER TAPE
CARRIER TAPE
SCALE 2:1
REEL
SCALE 1/4:1
B-B
SECTION
A-A
SECTION
SEE DETAIL F
SCALE 1:1
F
DETAIL
C
C
AA
13.5
330
18
22
100
2.2
13
21
REEF
120°
16
9.1
1.5 TYP
2 TYP
4 TYP
1.75 TYP
7.5
12
8.8 TYP
4.3
1.2
0.38
4.9
COVER TAPE
SEE DETAIL G
SCALE 1.5:1
G
DETAIL
SCALE 3:1
C-C
SECTION
A-A
SECTION
JS Series
Sub-Miniature Slide Switches
TAPE AND REEL FOR PART NUMBER JS202011JAQN
Quantity per reel 1000
TAPE AND REEL FOR
PART NUMBER JS202011JCQN
Quantity per reel 1300
22 Sep 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com