Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSKBFL2805 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSKBFL2805
Description  5A EMI FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSKBFL2805 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSKBFL2805 Datasheet HTML 1Page - M.S. Kennedy Corporation MSKBFL2805 Datasheet HTML 2Page - M.S. Kennedy Corporation MSKBFL2805 Datasheet HTML 3Page - M.S. Kennedy Corporation MSKBFL2805 Datasheet HTML 4Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL SPECIFICATIONS
Input Voltage Range
0-50VDC
Input Voltage Transient
80V @ 50mS
Voltage (any pin to case pin 9)
500V
Storage Temperature Range
-65°C to +150°C
Lead Temperature
300°C
(10 Seconds Soldering)
Input Voltage
Input Current
Output Voltage
Output Current
DC Resistance (RDC)
Noise Reduction
Capacitance
Isolation
Parameter
Test Conditions
V
V
A
Vdc
A rms
A
Ohms
dB
dB
dB
dB
µF
MOhm
Units
Steady State
Transient 50µsec. MAX
DC
Steady State
Ripple
Steady State
Steady State
f=200KHz
f=500 KHz
f=1MHz
f=5MHz
Any Pin to Case
Any Pin to Case
2
Rev. B 10/05
Case Operating Temperature Range
BFL2805H/E
-55°C to +125°C
BFL2805
-40°C to+85°C
1,2,3
1
1
-
1
1
1
4
4
4
4
7
7
Subgroups
1
1
2
3
4
5
6
NOTES:
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroup 1,4 and 7 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2,3,4 and 7.
Subgroup 1,4,7
Subgroup 2
Subgroup 3
Continuous operation at or above absolute maximum ratings may adversely effect the device performanc
and/or life cycle.
TA = TC = +25°C
TA = TC = +125°C
TA = TC = -55°C
0
-
-
-
-
-
-
40
60
60
60
-
100
28
-
-
VOUT=VIN-Iin(RDC)
-
-
0.20
50
65
70
73
-
-
50
80
5.5
-
0.3
5.5
0.35
-
-
-
-
4.7
-
Min.
Typ.
Max.
BFL2805H/E
0
-
-
-
-
-
-
40
60
60
60
-
100
28
-
-
VOUT=VIN-Iin(RDC)
-
-
0.20
50
65
70
73
-
-
50
80
5.5
-
0.3
5.5
0.35
-
-
-
-
4.7
-
Min.
Typ.
Max.
BFL2805
1
1
1
2
6



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com