Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHC2805SH Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # DHC2805SH
Description  6W DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHC2805SH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  DHC2805SH Datasheet HTML 1Page - M.S. Kennedy Corporation DHC2805SH Datasheet HTML 2Page - M.S. Kennedy Corporation DHC2805SH Datasheet HTML 3Page - M.S. Kennedy Corporation DHC2805SH Datasheet HTML 4Page - M.S. Kennedy Corporation DHC2805SH Datasheet HTML 5Page - M.S. Kennedy Corporation DHC2805SH Datasheet HTML 6Page - M.S. Kennedy Corporation DHC2805SH Datasheet HTML 7Page - M.S. Kennedy Corporation DHC2805SH Datasheet HTML 8Page - M.S. Kennedy Corporation DHC2805SH Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
70% Typical Efficiency
All Ceramic Capacitors
Surface Mount Magnetics
Withstands 5000G
MIL STD 461C CE03 (With EFJ2803 Filter)
80 Volt Input Transient Tolerent
No Derating - -55°C to +125°C
Wide Supply Range - 10V to 50V
High Isolation - 500V
High Power Density - 17W/in³
Output Voltage Adjustment - Standard
Remote Shutdown
Operates to 11V Input at 5W
Available with 3.3V or 5V Outputs
See DAC2800s Series for 12V and 15V Versions
Available to DSCC SMD 5962-94629 and 5962-93092
MIL-PRF-38534 CERTIFIED
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
6W
DC-DC
CONVERTERS
DHC2800S
DESCRIPTION:
The DHC2800S series of DC-DC converters provides the ruggedness, reliability and features required to
meet the advanced design challenges of today's hi-rel market. The use of advanced substrate and reflow
soldering techniques during construction results in a rugged, cost-effective and completely solderable package.
DHC2800S hybrid converter series utilizes all ceramic capacitors and surface mount magnetics to
provide reliable operation at all operating temperatures while surviving very high G forces.
DHC2800S standard features include output fault monitoring and/or turn on voltage point programming
via the shutdown pin. All three functions may be implemented simultaneously with a minimum of external
components. An output voltage adjustment/load compensation pin is also standard.
Fault tolerant design protects these converters from most external circuit faults. The output and output
adjust pins will withstand +35V while the shutdown pin will withstand +50V protecting the converters
from a variety of system or board faults i.e. solder bridges, etc. Unique load fault protection circuitry
allows this converter to pull up loads having difficult static load line characteristics and allows short term
load excursions significantly beyond ratings in most applications.
A transformer isolated forward converter topology operating at a switching frequency of 400kHz allows
operation over a wide input voltage range. Internal filtering of both input and output eliminates the need for
external capacitors in many applications.
The 8-pin DIP package is hermetically sealed and isolated from the internal circuits. Heat sinking is
recommended for full power operation at elevated ambient temperatures.
Rev. G 8/06
1
SERIES
FEATURES:


Similar Part No. - DHC2805SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DHC2805SH MSK-DHC2805SH Datasheet
265Kb / 9P
6W DC-DC CONVERTERS
logo
Anaren Microwave
DHC2805SH ANAREN-DHC2805SH Datasheet
412Kb / 9P
6W DC-DC CONVERTERS
More results

Similar Description - DHC2805SH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2800D MSK-DAC2800D Datasheet
192Kb / 7P
6W DUAL DC - DC CONVERTERS
DHC2800S MSK-DHC2800S Datasheet
265Kb / 9P
6W DC-DC CONVERTERS
logo
MicroPower Direct, LLC
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
logo
Murata Power Solutions ...
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
logo
Toppower Electronic Tec...
TP06DA TOPPOWER-TP06DA Datasheet
201Kb / 4P
6W Wide Input Voltage DC/DC Converters
TP06DB TOPPOWER-TP06DB Datasheet
186Kb / 4P
6W Wide Voltage Input DC/DC Converters
logo
Anaren Microwave
DHC2800S ANAREN-DHC2800S Datasheet
412Kb / 9P
6W DC-DC CONVERTERS
logo
Toppower Electronic Tec...
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
DC-DC CONVERTER 6W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com