Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR092-D Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATAR092-D
Description  Low-current Microcontroller for Wireless Communication
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092-D Datasheet(HTML) 2 Page - ATMEL Corporation

  ATAR092-D Datasheet HTML 1Page - ATMEL Corporation ATAR092-D Datasheet HTML 2Page - ATMEL Corporation ATAR092-D Datasheet HTML 3Page - ATMEL Corporation ATAR092-D Datasheet HTML 4Page - ATMEL Corporation ATAR092-D Datasheet HTML 5Page - ATMEL Corporation ATAR092-D Datasheet HTML 6Page - ATMEL Corporation ATAR092-D Datasheet HTML 7Page - ATMEL Corporation ATAR092-D Datasheet HTML 8Page - ATMEL Corporation ATAR092-D Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
2
ATAR092-D
4594C–4BMCU–12/04
Pin Configuration
Figure 2. Pinning SSO20
VDD
BP40/INT3/SC
BP53/INT1
BP52/INT1
BP51/INT6
BP50/INT6
OSC1
OSC2
BP60/T3O
BP10
VSS
BP43/INT3/SD
BP42/T2O
BP41/VMI/T2I
BP23
BP22
BP21
BP20/NTE
BP63/T3I
BP13
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Pin Description
Name
Type
Function
Alternate Function
Pin No.
Reset State
VDD
–
Supply voltage
–
1
NA
VSS
–
Circuit ground
–
20
NA
BP10
I/O
Bi-directional I/O line of Port 1.0
–
10
Input
BP13
I/O
Bi-directional I/O line of Port 1.3
–
11
Input
BP20
I/O
Bi-directional I/O line of Port 2.0
NTE-test mode enable, see section “Master Reset”
13
Input
BP21
I/O
Bi-directional I/O line of Port 2.1
–
14
Input
BP22
I/O
Bi-directional I/O line of Port 2.2
–
15
Input
BP23
I/O
Bi-directional I/O line of Port 2.3
–
16
Input
BP40
I/O
Bi-directional I/O line of Port 4.0
SC-serial clock or INT3 external interrupt input
2
Input
BP41
I/O
Bi-directional I/O line of Port 4.1
VMI voltage monitor input or T2I external clock
input Timer 2
17
Input
BP42
I/O
Bi-directional I/O line of Port 4.2
T2O Timer 2 output
18
Input
BP43
I/O
Bi-directional I/O line of Port 4.3
SD serial data I/O or INT3-external interrupt input
19
Input
BP50
I/O
Bi-directional I/O line of Port 5.0
INT6 external interrupt input
6
Input
BP51
I/O
Bi-directional I/O line of Port 5.1
INT6 external interrupt input
5
Input
BP52
I/O
Bi-directional I/O line of Port 5.2
INT1 external interrupt input
4
Input
BP53
I/O
Bi-directional I/O line of Port 5.3
INT1 external interrupt input
3
Input
BP60
I/O
Bi-directional I/O line of Port 6.0
T3O Timer 3 output
9
Input
BP63
I/O
Bi-directional I/O line of Port 6.3
T3I Timer 3 input
12
Input
OSC1
I
Oscillator input
4-MHz crystal input or 32-kHz crystal input or
external clock input or external trimming resistor
input
7
Input
OSC2
O
Oscillator output
4-MHz crystal output or 32-kHz crystal output or
external clock input
8NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com