Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3002 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3002
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3002 Datasheet HTML 1Page - Microchip Technology MCP3002 Datasheet HTML 2Page - Microchip Technology MCP3002 Datasheet HTML 3Page - Microchip Technology MCP3002 Datasheet HTML 4Page - Microchip Technology MCP3002 Datasheet HTML 5Page - Microchip Technology MCP3002 Datasheet HTML 6Page - Microchip Technology MCP3002 Datasheet HTML 7Page - Microchip Technology MCP3002 Datasheet HTML 8Page - Microchip Technology MCP3002 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
 2000-2011 Microchip Technology Inc.
DS21294E-page 3
MCP3002
Digital Input/Output:
Data Coding Format
Straight Binary
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
0.3 VDD
V
High Level Output Voltage
VOH
4.1
V
IOH = -1 mA, VDD = 4.5V
Low Level Output Voltage
VOL
——
0.4
V
IOL = 1 mA, VDD = 4.5V
Input Leakage Current
ILI
-10
10
µA
VIN = VSS or VDD
Output Leakage Current
ILO
-10
10
µA
VOUT = VSS or VDD
Pin Capacitance
(All Inputs/Outputs)
CIN, COUT
——
10
pF
VDD = 5.0V (Note 1)
TA = 25°C, f = 1 MHz
Timing Parameters:
Clock Frequency
fCLK
3.2
1.2
MHz
MHz
VDD = 5V (Note 2)
VDD = 2.7V (Note 2)
Clock High Time
tHI
140
ns
Clock Low Time
tLO
140
ns
CS Fall To First Rising CLK
Edge
tSUCS
100
ns
Data Input Setup Time
tSU
50
ns
Data Input Hold Time
tHD
50
ns
CLK Fall To Output Data Valid
tDO
125
200
ns
ns
VDD = 5V, see Figure 1-2
VDD = 2.7V, see Figure 1-2
CLK Fall To Output Enable
tEN
——
125
200
ns
ns
VDD = 5V, see Figure 1-2
VDD = 2.7V, see Figure 1-2
CS Rise To Output Disable
tDIS
100
ns
See Test Circuits, Figure 1-2
Note 1
CS Disable Time
tCSH
310
ns
D
OUT Rise Time
tR
100
ns
See Test Circuits, Figure 1-2
Note 1
D
OUT Fall Time
tF
100
ns
See Test Circuits, Figure 1-2
Note 1
Power Requirements:
Operating Voltage
VDD
2.7
5.5
V
Operating Current
IDD
525
300
650
µA
VDD = 5.0V, DOUT unloaded
VDD = 2.7V, DOUT unloaded
Standby Current
IDDS
—0.005
2
µA
CS = VDD = 5.0V
ELECTRICAL CHARACTERISTICS (CONTINUED)
All parameters apply at VDD = 5V, TA = -40°C to +85°C, fSAMPLE = 200 ksps and fCLK = 16*fSAMPLE, unless otherwise
noted.
Typical values apply for VDD = 5V, TA = +25°C, unless otherwise noted.
PARAMETER
SYM
MIN
TYP
MAX
UNITS
CONDITIONS
Note 1: This parameter is established by characterization and not 100% tested.
2: The sample cap will eventually lose charge, especially at elevated temperatures, therefore fCLK 10 kHz for
temperatures at or above 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com