Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3002-I/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3002-I/SN
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002-I/SN Datasheet(HTML) 4 Page - Microchip Technology

  MCP3002-I/SN Datasheet HTML 1Page - Microchip Technology MCP3002-I/SN Datasheet HTML 2Page - Microchip Technology MCP3002-I/SN Datasheet HTML 3Page - Microchip Technology MCP3002-I/SN Datasheet HTML 4Page - Microchip Technology MCP3002-I/SN Datasheet HTML 5Page - Microchip Technology MCP3002-I/SN Datasheet HTML 6Page - Microchip Technology MCP3002-I/SN Datasheet HTML 7Page - Microchip Technology MCP3002-I/SN Datasheet HTML 8Page - Microchip Technology MCP3002-I/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP3002
DS21294E-page 4
 2000-2011 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
FIGURE 1-1:
Serial Timing.
Electrical Specifications: Unless otherwise indicated, VDD = +2.7V to +5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+85
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-MSOP
JA
—211
—
°C/W
Thermal Resistance, 8L-PDIP
JA
—89.5
—
°C/W
Thermal Resistance, 8L-SOIC
JA
—
149.5
—
°C/W
Thermal Resistance, 8L-TSSOP
JA
—139
—
°C/W
CS
CLK
DIN
MSB IN
tSU
tHD
tSUCS
tCSH
tHI tLO
DOUT
tEN
tDO
tR
tF
LSB
MSB OUT
tDIS
NULL BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com