Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3002I/P Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3002I/P
Description  2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3002I/P Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3002I/P Datasheet HTML 14Page - Microchip Technology MCP3002I/P Datasheet HTML 15Page - Microchip Technology MCP3002I/P Datasheet HTML 16Page - Microchip Technology MCP3002I/P Datasheet HTML 17Page - Microchip Technology MCP3002I/P Datasheet HTML 18Page - Microchip Technology MCP3002I/P Datasheet HTML 19Page - Microchip Technology MCP3002I/P Datasheet HTML 20Page - Microchip Technology MCP3002I/P Datasheet HTML 21Page - Microchip Technology MCP3002I/P Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
MCP3002
DS21294E-page 18
 2000-2011 Microchip Technology Inc.
FIGURE 6-2:
SPI Communication with the MCP3002 using 8-bit segments (Mode 1,1: SCLK idles
high).
6.2
Maintaining Minimum Clock Speed
When the MCP3002 initiates the sample period, charge
is stored on the sample capacitor. When the sample
period is complete, the device converts one bit for each
clock that is received. It is important for the user to note
that a slow clock rate will allow charge to bleed off the
sample cap while the conversion is taking place. At
85°C (worst case condition), the part will maintain
proper charge on the sample cap for 700 µs at
VDD = 2.7V and 1.5 ms at VDD = 5V. This means that at
VDD = 2.7V, the time it takes to transmit the 1.5 clocks
for the sample period and the 10 clocks for the actual
conversion must not exceed 700 µs. Failure to meet
this criteria may induce linearity errors into the
conversion outside the rated specifications.
6.3
Buffering/Filtering the Analog
Inputs
If the signal source for the A/D Converter is not a low
impedance source, it will have to be buffered or
inaccurate conversion results may occur. It is also
recommended that a filter be used to eliminate any
signals that may be aliased back in to the conversion
results. This is illustrated in Figure 6-3 below where an
op amp is used to drive, filter, and gain the analog input
of the MCP3002. This amplifier provides a low
impedance output for the converter input and a low-
pass filter, which eliminates unwanted high-frequency
noise.
Low-pass (anti-aliasing) filters can be designed using
Microchip’s interactive FilterLab® software. FilterLab
will calculate capacitor and resistors values, as well as,
determine the number of poles that are required for the
application. For more information on filtering signals,
see the application note AN699 “Anti-Aliasing Analog
Filters for Data Acquisition Systems.”
FIGURE 6-3:
Typical Anti-Aliasing Filter
Circuit (2 pole Active Filter).
12
3
4
5
6
7
8
CS
SCLK
DIN
X = Don’t Care Bits
9
10
1112
1314
15
16
DOUT
NULL
BIT
B9
B8
B6
B5
B4
B3
B2
B1
B0
HI-Z
XX
XX
XX
XX
B7
B6
B5
B4
B3
B2
B1
B0
B9
B8
0
X
X
X
MCU latches data from A/D Converter
on rising edges of SCLK
Data is clocked out of
A/D Converter on falling edges
(Null)
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
B7
Data stored into MCU receive register
after transmission of first 8 bits
Data stored into MCU receive register
after transmission of second 8 bits
XX
X
1
Start
Bit
MSBF
SGL/
DIFF
ODD/
SIGN
X
X
X
Don’t Care
MCP3002
VDD
10 µF
IN-
IN+
-
+
VIN
C1
C2
1µF
MCP601
R1
R2
R3
R4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com