Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BZX55
Description  Voltage regulator diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX55 Datasheet(HTML) 2 Page - NXP Semiconductors

  BZX55 Datasheet HTML 1Page - NXP Semiconductors BZX55 Datasheet HTML 2Page - NXP Semiconductors BZX55 Datasheet HTML 3Page - NXP Semiconductors BZX55 Datasheet HTML 4Page - NXP Semiconductors BZX55 Datasheet HTML 5Page - NXP Semiconductors BZX55 Datasheet HTML 6Page - NXP Semiconductors BZX55 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Apr 26
2
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX55 series
FEATURES
• Total power dissipation:
max. 500 mW
• Tolerance series: ±5%
• Working voltage range:
nom. 2.4 to 75 V (E24 range)
• Non-repetitive peak reverse power
dissipation: max. 40 W.
APPLICATIONS
• Low voltage stabilizers or voltage
references.
DESCRIPTION
Low-power voltage regulator diodes in hermetically sealed leaded glass
SOD27 (DO-35) packages.
The diodes are available in the normalized E24
±5% tolerance range.
The series consists of 37 types with nominal working voltages from 2.4 to 75 V
(BZX55-C2V4 to BZX55-C75).
Fig.1 Simplified outline (SOD27; DO-35) and symbol.
The diodes are type branded.
handbook, halfpage
MAM239
ka
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Device mounted on a printed circuit-board without metallization pad; lead length max.
2. Tie-point temperature
≤ 50 °C; lead length 8 mm.
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
−
250
mA
IZSM
non-repetitive peak reverse current
tp = 100 µs; square wave;
Tj =25 °C prior to surge
see Table
“Per type”
Ptot
total power dissipation
Tamb =50 °C; note 1
−
400
mW
Tamb =50 °C; note 2
−
500
mW
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square wave;
Tj =25 °C prior to surge
−
40
W
tp = 8.3 ms; square wave;
Tj ≤ 150 °C prior to surge
−
30
W
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
−
200
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 100 mA; see Fig.4
−
1.0
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com