Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702LHG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY87702LHG
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702LHG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY87702LHG Datasheet HTML 1Page - Micrel Semiconductor SY87702LHG Datasheet HTML 2Page - Micrel Semiconductor SY87702LHG Datasheet HTML 3Page - Micrel Semiconductor SY87702LHG Datasheet HTML 4Page - Micrel Semiconductor SY87702LHG Datasheet HTML 5Page - Micrel Semiconductor SY87702LHG Datasheet HTML 6Page - Micrel Semiconductor SY87702LHG Datasheet HTML 7Page - Micrel Semiconductor SY87702LHG Datasheet HTML 8Page - Micrel Semiconductor SY87702LHG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SY87702L
2
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
64-Pin EPAD TQFP (H63-1)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY87702LHI
H64-1
Industrial
SY87702LHI
Sn-Pb
SY87702LHITR(2)
H64-1
Industrial
SY87702LHI
Sn-Pb
SY87702LHG(3)
H64-1
Industrial
SY87702LHG with
NiPdAu
Pb-Free bar line indicator Pb-Free
SY87702LHGTR(2, 3)
H64-1
Industrial
SY87702LHG with
NiPdAu
Pb-Free bar line indicator Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
1
64-Pin
EPAD-TQFP
2
3
4
5
6
7
8
9
10
11
12
13
17 18 19 20 21 22 23 24 25 26 27 28 29
48
47
46
45
44
43
42
41
40
39
38
37
36
61 60 59 58 57 56 55 54 53 52 51 50 49
VCOSEL1
PLLRN+
PLLRN–
PLLRW+
NC
VCCA
PLLSW–
PLLSW+
NC
PLLSN–
NC
14
15
16
35
34
33
62
63
64
30 31 32
PLLRW–
GNDA
PLLSN+
NC
NC
TCLKC–
TCLKC+
TCLKE–
TCLKE+
VCCO
RCLKC–
RCLKC+
RCLKE–
RCLKE+
VCCO
RDOUTC–
RDOUTC+
RDOUTE–
RDOUTE+
ENPECL
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com