Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL-R Datasheet(PDF) 5 Page - Thurlby Thandar Instruments Ltd.

Part # EL-R
Description  AIM & THURLBY THANDAR INSTRUMENTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIM-TTI [Thurlby Thandar Instruments Ltd.]
Direct Link  https://www.aimtti.com/
Logo AIM-TTI - Thurlby Thandar Instruments Ltd.

EL-R Datasheet(HTML) 5 Page - Thurlby Thandar Instruments Ltd.

  EL-R Datasheet HTML 1Page - Thurlby Thandar Instruments Ltd. EL-R Datasheet HTML 2Page - Thurlby Thandar Instruments Ltd. EL-R Datasheet HTML 3Page - Thurlby Thandar Instruments Ltd. EL-R Datasheet HTML 4Page - Thurlby Thandar Instruments Ltd. EL-R Datasheet HTML 5Page - Thurlby Thandar Instruments Ltd. EL-R Datasheet HTML 6Page - Thurlby Thandar Instruments Ltd. EL-R Datasheet HTML 7Page - Thurlby Thandar Instruments Ltd. EL-R Datasheet HTML 8Page - Thurlby Thandar Instruments Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EX-R Series - continued
Single, dual or triple outputs
The EX-R series includes four single output models plus one dual
output and one triple output model.
The EX354RD has two independent and isolated outputs each
with a 0 to 35V, 0 to 4A capability and its own on-off switch. The
outputs can be wired in either series or parallel to provide voltages
up to 70 volts or currents up to 8 amps.
All outputs are intrinsically short circuit proof, and are protected
against external voltages and reverse currents.
Variable voltage auxiliary output
The EX354RT incorporates a third output fully variable between
1.5V and 5.0V with a fixed current limit of 5A.
The set voltage can be measured at the press of a button using the
digital meters.
Higher current and higher power
Single output versions of the EX-R series are available
with an output current capability up to 20 amps and
output power up to 420 watts.
These higher current models have 10mA meter
resolution.
The highest power versions (EX2020R and EX4210R)
have fan assisted cooling using a low-noise brushless dc
fan with intelligent control.
(All other models use fan-less convection cooling).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com