Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88822V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88822V
Description  5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88822V Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88822V Datasheet HTML 1Page - Micrel Semiconductor SY88822V Datasheet HTML 2Page - Micrel Semiconductor SY88822V Datasheet HTML 3Page - Micrel Semiconductor SY88822V Datasheet HTML 4Page - Micrel Semiconductor SY88822V Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY88822V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
I
MOD =10mA; GND = 0V; VCC = 3.3V ±10% or VCC = 5.0V ±10%; TA = –40°C to +85°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
t
PHL, tPLH D
Propagation Delay
I
OUT = 10mA
1000
ps
D
IN – OUT
t
PHL, tPLH EN
Propagation Delay
I
OUT = 10mA
1000
ps
/EN – OUT
tr, tf
Rise/Fall Time
1000
ps
(20% to 80%)
I
OR
Output Current Ringing
I
OUT = 5 to 30mA
10
%
Notes:
8. Specification for packaged product only.
9. REXT = RSER = 25Ω ±1%; RSER connected directly to VCC.
AC ELECTRICAL CHARACTERISTICS(8, 9)
TYPICAL OPERATING CHARACTERISTICS
0
10
20
30
40
0.0
1.0
2.0
3.0
4.0
5.0
RSET (k
Ω)
I
MOD
vs. R
SET
V
CC = 3.3V
V
CC = 5.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com