Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88822VKG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88822VKG
Description  5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88822VKG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88822VKG Datasheet HTML 1Page - Micrel Semiconductor SY88822VKG Datasheet HTML 2Page - Micrel Semiconductor SY88822VKG Datasheet HTML 3Page - Micrel Semiconductor SY88822VKG Datasheet HTML 4Page - Micrel Semiconductor SY88822VKG Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SY88822V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Pin Function
1
/EN
100k PECL compatible input w/ 75k
Ω pulldown resistor. Modulation current goes to zero
when deasserted high.
2, 3
DIN, /DIN
Differential 100k PECL compatible input w/ 75k
Ω pulldown resistors.
4
VREF
Voltage reference for use with RSET.
5
RSET
An external resistor from here to VREF sets the reference current for IOUT.
6
VCC
Positive power supply.
7
GND
Device ground.
8, 9, 10
/OUT, OUT
Differential open collector current outputs.
PIN DESCRIPTION
D
/D
/EN
OUT (Note 2)
/OUT
LH
LH
L
H
LLL
H
XX
H
H
L
Notes:
1. L = LOW, H = HIGH, X = don't care.
2. H = IOUT = 0mA.
TRUTH TABLE(1)
RSET
VCC
6
5
1
/EN
DIN
/DIN
VREF
10 OUT
OUT
/OUT
GND
9
8
7
2
3
4
10-Pin MSOP
(K10-1)
PACKAGE/ORDERING INFORMATION
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88822VKC
K10-1
Commercial
822V
Sn-Pb
SY88822VKCTR(1)
K10-1
Commercial
822V
Sn-Pb
SY88822VKG
K10-1
Industrial
822V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88822VKGTR(1)
K10-1
Industrial
822V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1. Tape and Reel.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com