Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88823VKG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88823VKG
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88823VKG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88823VKG Datasheet HTML 1Page - Micrel Semiconductor SY88823VKG Datasheet HTML 2Page - Micrel Semiconductor SY88823VKG Datasheet HTML 3Page - Micrel Semiconductor SY88823VKG Datasheet HTML 4Page - Micrel Semiconductor SY88823VKG Datasheet HTML 5Page - Micrel Semiconductor SY88823VKG Datasheet HTML 6Page - Micrel Semiconductor SY88823VKG Datasheet HTML 7Page - Micrel Semiconductor SY88823VKG Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SY88883V
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s Multi-rate up to 3.2Gbps operation
s Wide gain-bandwidth product
• 38dB differential gain
• 2.2GHz 3dB bandwidth
s Low noise 50
Ω CML data outputs
• 800mVPP output swing
• 60ps edge rates
• 5ps
RMS typ. random jitter
• 15psPP typ. deterministic jitter
s Chatter-free Signal Detect (SD) output
• 4.6dB electrical hysteresis
• OC-TTL output with internal 5k
Ω pull-up resistor
s Programmable SD sensitivity using single external
resistor
s Internal 50
Ω data input termination
s Wide operating range
• Single 3.3V
±10% or 5V ±10% power supply
• –40
°C to +85°C industrial temperature range
s Available in a tiny 10-pin MSOP (3mm
××××× 3mm)
package
FEATURES
3.3V/5V 3.2Gbps CML LOW-POWER
LIMITING POST AMPLIFIER WITH TTL SD
SY88883V
APPLICATIONS
s 1.25Gbps and 2.5Gbps Gigabit Ethernet
s 1.062Gbps and 2.125Gbps Fibre Channel
s 155Mbps, 622Mbps, 1.25Gbps and 2.5Gbps
SONET/SDH
s Gigabit interface converter (GBIC)
s Small form factor (SFF) and small form factor
pluggable (SFP) transceivers
s Parallel 10G Ethernet
s High-gain line driver and line receiver
Rev.: B
Amendment: /0
Issue Date:
August 2005
The SY88883V low-power, limiting post amplifier is
designed for use in fiber optic receivers. The device connects
to typical transimpedance amplifiers (TIAs). The linear signal
output from TIAs can contain significant amounts of noise
and may vary in amplitude over time. The SY88883V
quantizes these signals and outputs typically 800mVPP
voltage-limited waveforms.
The SY88883V operates from a single +3.3V
±10% or
+5V
±10% power supply, over the industrial temperature
range of –40
°C to +85°C. With its wide bandwidth and high-
gain, signals with data rates up to 3.2Gbps and as small as
10mVpp can be amplified to drive devices with CML inputs
or AC-coupled PECL inputs.
The SY88883V generates a signal detect (SD) open-
collector TTL output with internal 5k
Ω pull-up resistor. A
programmable signal detect level set pin (SD
LVL) sets the
sensitivity of the input amplitude detection. SD asserts high
if the input amplitude rises above the threshold set by SD
LVL
and de-asserts low otherwise. Typically 4.6dB SD hysteresis
is provided to prevent chattering.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
TYPICAL PERFORMANCE
FUNCTIONAL BLOCK DIAGRAM
Limiting
Amplifer
CML
Buffer
GND
2.8k
Ω
50
Ω
Level
Detect
SD
DIN
/DIN
VCC
VCC
SDLVL
DOUT
/DOUT
5k
Ω
OC-TTL
Buffer
VCC
–1.3V
3.3V, 25
°C, 10mV
PP Input
@2.5Gbps 223–1 PRBS, RLOAD = 50Ω to VCC
TIME (100ps/div.)


Similar Part No. - SY88823VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88823VKI MICREL-SY88823VKI Datasheet
122Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
SY88823VKITR MICREL-SY88823VKITR Datasheet
122Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
More results

Similar Description - SY88823VKG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88843V MICREL-SY88843V Datasheet
123Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88823V MICREL-SY88823V Datasheet
122Kb / 11P
3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com