Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88823VKGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88823VKGTR
Description  3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88823VKGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88823VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88823VKGTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88883V
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; RLOAD = 50Ω to VCC; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
HYS
SD Hysteresis
Note 7
2
4.6
8
dB
PSRR
Power Supply Rejection Ratio
35
dB
t
OFF
SD Release Time
0.1
0.5
µs
t
ON
SD Assert Time
0.2
0.5
µs
tr, tf
Differential Output Rise/Fall Time
Note 8
60
120
ps
(20% to 80%)
t
JITTER
Deterministic
Note 9
15
psPP
Random
5psRMS
V
ID
Differential Input Voltage Swing
10
1800
mVPP
V
OD
Differential Output Voltage Swing
Note 10
550
800
mVPP
V
SR
SD Sensitivity Range
Note 11
10
50
mVPP
B
–3dB
3dB Bandwidth
2.2
GHz
A
V(Diff)
Differential Voltage Gain
32
38
dB
S
21
Single-Ended Small-Signal Gain
26
32
dB
Notes:
7.
Electrical signal.
8.
With input signal V
ID > 50mVpp and 50Ω load.
9.
Deterministic jitter measured using K28.5 pattern at 2.488Gbps, V
ID = 10mVpp. Random jitter measured using K28.7 pattern at 2.488Gbps,
V
ID = 10mVPP.
10. Input is a 200MHz square wave, tr < 300ps, 50Ω load. VID ≥ 14mVpp.
11. This is the detectable range of input amplitudes that can de-assert SD. The input amplitude to assert SD is 2–8dB higher than the de-assert
amplitude. See “Typical Operating Characteristics” for a graph showing how to choose a particular RSDLVL for a particular SD de-assert, and its
associated assert, amplitude.
AC ELECTRICAL CHARACTERISTICS
TYPICAL OPERATING CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000 100000
R
SDLVL
SD Assert/De-assert Level
vs. R
SDLVL
ASSERT
DE-ASSERT
V
CC = 3.3V, GND = 0V, TA = 25°C, unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com