Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM5708 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5708
Description  16 횞 2.5 GbE 4 횞 10 GbE ETHERNET MULTILAYER SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5708 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5708 Datasheet HTML 1Page - Broadcom Corporation. BCM5708 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM56580
®
16 × 2.5 GbE + 4 × 10 GbE ETHERNET MULTILAYER SWITCH
BCM56580 Block Diagram
• 16 × 2.5-GbE/1-GbE and 4 × 10-GbE/2.5-GbE/1-GbE ports
• Based on StrataXGS
® field-proven, robust architecture
• Integrated high-performance SerDes
• Integrated XAUI™ SerDes for all 10-GbE ports
• Integrated single-lane SerDes for all 2.5-GbE ports
• 80-Gbps switching capacity at line rate
• Support for eight classes of service (CoS) per port
• Support for Deficit Round Robin, Weighted Round Robin, and
Strict priority scheduling
• Support for a cut-through switching mode
• Port trunking and remote mirroring support
• Fully integrated data and address memory on a single chip
• Advanced packet flow control
• Head of line blocking prevention
• Full-duplex flow control (802.3x)
• ContentAware™ network processing per port
• Line rate multifield packet classification
• Supports IEEE 802.1p, TOS/DiffServ, rate limiting, policing,
priority tagging, and remapping
• Extended security and ACL filtering
• Full IPv6 routing support
• Enhanced security and management capabilities
• Low power consumption
• High level of integration and low power consumption enable
system vendors to build high-performance, high-port density
2.5-Gigabit Ethernet switches using the same system
components used in existing GbE solutions.
• Built-in high-speed serial interfaces with integrated memory
ease and accelerate system design, while reducing cost and
conserving board space.
• Built-in Layer 3 routing support enables embedded switch to
become an extension of the enterprise core network.
• Advanced load balancing and strong user isolation features
facilitate the implementation of utility computing services.
• Integrated security features and enhanced management
capabilities improve network reliability and lower cost of
ownership for BCM56580-based solutions.
• Broadcom switch API compatibility enables software reuse
and faster time-to-market.
• Embedded switch in next-generation 2.5 GbE Blade Servers
• 2.5 GbE/1 GbE switching engine in advanced TCA chassis
platforms
• Embedded switch to enhance performance of existing Gigabit
Ethernet Blade Servers or advanced TCA chassis
FE A T URE S
S U MM AR Y O F B E N E FI T S
AP P L IC AT IO N S
10 GE
10 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
10 GE
10 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
2.5 GE
L2/ IPv4/IPv6
ContentAware
Security
PCI
Packet Buffer MMU


Similar Part No. - BCM5708

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5708C BOARDCOM-BCM5708C Datasheet
118Kb / 2P
10/100/1000BASE-T TCP Offload Engine, RDMA, iSCSI/iSER and Ethernet Controller with PCI-Express-TM
BCM5708S BOARDCOM-BCM5708S Datasheet
137Kb / 2P
SINGLE-PORT 1000/2500BASE-X ETHERNET CONTROLLER WITH INTEGRATED TCP OFFLOAD ENGINE, RDMA, iSCSI WITH PCI EXPRESS
More results

Similar Description - BCM5708

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM56102 BOARDCOM-BCM56102 Datasheet
227Kb / 2P
24-PORT FAST ETHERNET AND 2-PORT GBE MULTILAYER SWITCH WITH TWO 10-GBE/HIGIG PORTS
BCM56304 BOARDCOM-BCM56304 Datasheet
222Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10-GbE/HiGig PORTS
BCM56503 BOARDCOM-BCM56503 Datasheet
177Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH THREE 10-GbE/HiGig PORTS
BCM56504 BOARDCOM-BCM56504 Datasheet
203Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGigPORTS
BCM56513 BOARDCOM-BCM56513 Datasheet
231Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH THREE 10 GbE/HiGig PORTS
BCM56514 BOARDCOM-BCM56514 Datasheet
217Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH FOUR 10 GbE/HiGig PORTS
BCM56602 BOARDCOM-BCM56602 Datasheet
173Kb / 2P
10-GbE HIGH-FEATURE ETHERNET MULTILAYER SWITCH WITH HiGig??UPLINK
BCM56802 BOARDCOM-BCM56802 Datasheet
114Kb / 2P
16-PORT 10-GBE/HIGIG2 MULTILAYER SWITCH
BCM56821A0KFSBG BOARDCOM-BCM56821A0KFSBG Datasheet
402Kb / 2P
12 X 10-GBE 8 X HG[16] 4 X 1-GBE MULTILAYER ETHERNET SWITCH
BCM56502B2IEBG BOARDCOM-BCM56502B2IEBG Datasheet
197Kb / 2P
24-PORT GbE MULTILAYER SWITCH WITH TWO 10 GbE/HiGig??PORTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com