Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOTMP35 Datasheet(PDF) 13 Page - Texas Instruments

Part # ISOTMP35
Description  ISOTMP35-Q1 Automotive ±1.5°C, 3-kVRMS Isolated Temperature Sensor with Analog Output with < 2 Seconds Response Time and 500 VRMS Working Voltage
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOTMP35 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISOTMP35 Datasheet HTML 9Page - Texas Instruments ISOTMP35 Datasheet HTML 10Page - Texas Instruments ISOTMP35 Datasheet HTML 11Page - Texas Instruments ISOTMP35 Datasheet HTML 12Page - Texas Instruments ISOTMP35 Datasheet HTML 13Page - Texas Instruments ISOTMP35 Datasheet HTML 14Page - Texas Instruments ISOTMP35 Datasheet HTML 15Page - Texas Instruments ISOTMP35 Datasheet HTML 16Page - Texas Instruments ISOTMP35 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The features of the ISOTMP35-Q1 make the device versatile for various high voltage temperature-sensing
applications. The ISOTMP35-Q1 can operated down to a 2.3-V supply with 9-µA current consumption. As a
result, the device is also well designed for battery applications where a number of these batteries may be
stacked for high voltage output.
8.1.1 Output Voltage Linearity
As illustrated in Figure 6-2, the ISOTMP35-Q1 device exhibit a linear output of 10 mV/°C. For temperature above
100°C, a small gain shift (TC) is present on the output (VOUT). When small shifts are expected, a piecewise linear
function provides the best accuracy and is used for the device accuracy specifications. Table 8-2 lists the typical
output voltages of the ISOTMP35-Q1 device across the full operating temperature range. The calculated linear
column represents the ideal linear VOUT output response with respect to temperature, while the piecewise linear
columns indicate the small voltage shift at elevated temperatures.
The piecewise linear function uses three temperature ranges listed in Table 8-1. Use Equation 1 to calculate the
voltage output VOUT of the ISOTMP35-Q1:
VOUT = (TA - TINFL) ✕ TC + VOFFS
(1)
where
• VOUT is the voltage output for a given temperature
• TA is the ambient temperature in°C
• TINFL is the temperature inflection point for a piecewise segment in°C
• TC is the temperature coefficient or gain
• VOFFS is the voltage offset
Use Table 8-2 to calculate the ambient temperature (TA) for a given VOUT voltage output within a piecewise
voltage range (VRANGE). For applications where the accuracy enhancement above 100°C is not required, use the
first row of Table 8-1 for all voltages.
TA = (VOUT - VOFFS) ÷ TC + TINFL
(2)
Table 8-1. Piecewise Linear Function Summary
TA RANGE (°C)
VRANGE (mV)
TINFL (°C)
TC (mV/°C)
VOFFS (mV)
–40 to +100
< 1500
0
10
500
+100 to +125
1500 to 1752.5
100
10.1
1500
+125 to +150
> 1752.5
125
10.6
1752.5
www.ti.com
ISOTMP35-Q1
SNIS234 – OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISOTMP35-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com