Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PROPANE Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # PROPANE
Description  DOCSIS/EURODOCSIS ACCELERATOR SOFTWARE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

PROPANE Datasheet(HTML) 2 Page - Broadcom Corporation.

  PROPANE Datasheet HTML 1Page - Broadcom Corporation. PROPANE Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Revolutionizing Capacity
PROPANETM is a revolutionary technology that dramatically
increases broadband network capacity. Operating exclusively
with Broadcom DOCSIS/EuroDOCSIS silicon, PROPANE
increases capacity and reduces delay by using patent-pending
efficiency and latency reduction algorithms for optimal
transmission of voice and data over broadband pipes.
PROPANE is based on application-aware, streaming
architecture that significantly reduces overhead to increase
throughput and reduce latency.
With Broadcom PROPANE, the cable operator can triple the
capacity of the shared return path compared to conventional
DOCSIS/EuroDOCSIS modems. This valuable extra capacity
enables MSOs to provide:
• More data bandwidth per user
• More voice channels per modem
• More users per fiber node
Scalable Solution
PROPANE software dramatically increases last-mile capacity
of the existing broadband network. This increased capacity
becomes even more important when future node splits are
required due to total subscriber growth. In high-growth
markets cable operators often implement quad-splits, so that
four fiber nodes service the same area that a single node served
before the split. When this happens, PROPANE benefits scale
right along with it. PROPANE enables a 3× increase in
reverse path capacity as the network grows. In many cases,
these future capital requirements can also be subscriber
funded. Adding PROPANE to the initial system allows the
MSO to increase subscribers and revenue without significant
capital outlays—providing advance funding for future node
splits and other network upgrades.
PROP ANE
OVER VIEW
Data
Traffic
Delay
(seconds)
High
Low
with PROPANE
DOCSIS 1.1
with PROPANE
Number of Subscribers with
Voice and Data Activity
3 Times More Cutomers
Over the Same Network
20
40
60
80
100
120
0.010
0.020
0.030
0.040
0.050
0.060
0.070
0.080
0.090
0.100
DOCSIS 1.1
Standard 6 MHz
Cable Channel
3 Calls/CM
12 Kbps Web U/S per CM
®
Phone: 949-450-8700
FAX: 949-450-8710
Email: info@broadcom.com
Web: www.broadcom.com
Broadcom®, the pulse logo, PROPANETM, and Connecting everything® are trademarks of
Broadcom Corporation and/or its subsidiaries in the United States and certain other countries.
All other trademarks are the property of their respective owners.
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2002 by BROADCOM CORPORATION. All rights reserved.
PROPANE-PB04-R 11.25.02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com