Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211AI Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB211AI
Description  TUSB211A USB 2.0 480-Mbps High-Speed Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB211AI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB211AI Datasheet HTML 6Page - Texas Instruments TUSB211AI Datasheet HTML 7Page - Texas Instruments TUSB211AI Datasheet HTML 8Page - Texas Instruments TUSB211AI Datasheet HTML 9Page - Texas Instruments TUSB211AI Datasheet HTML 10Page - Texas Instruments TUSB211AI Datasheet HTML 11Page - Texas Instruments TUSB211AI Datasheet HTML 12Page - Texas Instruments TUSB211AI Datasheet HTML 13Page - Texas Instruments TUSB211AI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
8.2.1 Design Requirements
TUSB211A requires a valid reset signal as described in the Power Supply Recommendations section. The
capacitor at RSTN pin is not required if a micro controller drives the RSTN pin according to recommendations.
For this design example, use the parameters provided in Table 8-1.
Table 8-1. Design Parameters for 3.3-V Supply With Low to Medium Loss System
PARAMETER
VALUE(1)
VCC
3.3 V ±10%
I2C support required in system (Yes/No)
No
Edge and DC Boost
REQ
EQ Level
EQ Level 0:
REQ = 0-Ω
0-Ω
0
1.8 kΩ ±1%
1
3.6 kΩ ±1%
2
Do Not Install (DNI)
3
(1)
These parameters are starting values for a low to medium loss system. Further tuning might be required based on specific host or
device as well as cable length and loss profile. These settings are not specific to a 3.3-V supply system and could be applicable to 5-V
supply system as well.
8.2.2 Detailed Design Procedure
The ideal EQ setting is dependent upon the signal chain loss characteristics of the target platform. The
recommendation is to start with EQ Level 0, and then increment to EQ Level 1, and so on.
For the TUSB211A to recognize any change to the EQ setting, the RSTN pin must be toggled. This is because
the EQ pin is latched on power up and the pin is ignored thereafter.
Placement of the device is also dependent on the application goal. Table 8-2 describes TI recommendations.
Table 8-2. Platform Placement Guideline
PLATFORM GOAL
SUGGESTED TUSB211A PLACEMENT
Pass USB Near End Mask at the receptacle
Close to measurement point (connector)
Pass USB Far End Eye Mask at the plug
Close to USB PHY
Cascade multiple TUSB211As to improve device enumeration
Midway between each USB interconnect
Table 8-3. Table of Recommended Settings
EQ settings(1) for channel loss
Pre-channel cable length (Between USB PHY and TUSB211A)
EQ
0-3 meter
Level 0
2-5 meter
Level 1
Post-channel cable length (Between TUSB211A and inter-connect)
EQ
0-2 meter
Level 0
1-4 meter
Level 1
(1)
These parameters are starting values for different cable lengths. Further tuning might be required based on specific host or device as
well as cable length and loss profile.
8.2.2.1 Test Procedure to Construct USB High-Speed Eye Diagram
Note
USB-IF certification tests for High-speed eye masks require the mandated use of the USB-IF
developed test fixtures. These test fixtures do not require the use of oscilloscope probes. Instead
they use SMA cables. More information can be found at the USB-IF Compliance Updates Page. It is
located under the Electrical Specifications section, ID 86 dated March 2013.
TUSB211A
SLLSFW2 – SEPTEMBER 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB211A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com