Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCM5384 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM5384
Description  4GE PORT SWITCH WITH INTEGRATED GE COPPER PHY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5384 Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM5384 Datasheet HTML 1Page - Broadcom Corporation. BCM5384 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OV E R V I E W
®
Phone: 949-450-8700
Fax: 949-450-8710
E-mail: info@broadcom.com
Web: www.broadcom.com
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2004 by BROADCOM CORPORATION. All rights reserved.
5384-PB02-R
03/25/04
Broadcom®, the pulse logo, and Connecting everything® are trademarks of Broadcom Corporation and/
or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the
property of their respective owners.
The Broadcom BCM5384 device is a highly integrated solution. It
combines all the functions of a high-speed switch system, including
packet buffer, PHY transceivers, media access controllers, address
management, and a nonblocking switch fabric into a single 0.13 µm
CMOS device. It complies with IEEE 802.3, 802.3u, 802.3ab, and
802.3x specifications, including the MAC control, pause frame, and
auto-negotiation subsections, providing compatibility with all industry-
standard Ethernet, Fast Ethernet, and Gigabit Ethernet devices.
This device contains four full-duplex 10/100/1000BASE-T transceivers,
each of which performs all of the physical layer interface functions for
10BASE-T Ethernet on Category 3, 4, or 5 unshielded twisted-pair
(UTP) cable and 100/1000BASE-T Fast/Gigabit Ethernet on Category 5
UTP cable. The media access controllers on the BCM5384 also support
Jumb o Frames which are typically used for high-performance
connections to servers because they offer a smaller percentage of
overhead on the link for more efficiency.
SPI or EEPROM interfaces provide easy programming of the on-chip
802.1p QoS and/or DiffServ/TOS. This allows switch traffic to be given
different classes of priority or service-for example, voice traffic for IP
phone applications, video traffic for multimedia applications, or data
traffic for e-mail applications. Up to 4k virtual LANs (VLANs) can be
set up via the SPI port for separation of different users or groups on the
network. For multi-Gigabit per second connections, multiple ports of the
BCM5384 can be grouped together to form logical links. These links
feature automatic load balancing.
Quality of Service
(QoS)
Switch Controller
Gigabit
MAC
Port Mirroring
Jumbo Frames
Port Trunking
Rate Control
VLAN
Gigabit
MAC
Gigabit
MAC
Gigabit
MAC
Gigabit
PHY
Gigabit
PHY
Gigabit
PHY
Gigabit
PHY
Copper Interface
Port 0
Internal
Regulators
Register
Space
Memory
Address
Management
MII
Management
Configuration
Pins
SPI Interface or
EEPROM
Interface
Copper Interface
Port 1
Copper Interface
Port 2
Copper Interface
Port 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com