Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88932LMITR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88932LMITR
Description  3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88932LMITR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88932LMITR Datasheet HTML 1Page - Micrel Semiconductor SY88932LMITR Datasheet HTML 2Page - Micrel Semiconductor SY88932LMITR Datasheet HTML 3Page - Micrel Semiconductor SY88932LMITR Datasheet HTML 4Page - Micrel Semiconductor SY88932LMITR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY88932L
Micrel, Inc.
M9999-082205
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.0 to 3.6V, GND = 0V, TA = –40°C to +85°C; Typical values at VCC = 3.3V, TA = 25°C, RLOAD = 25Ω to VCC (OUT, /OUT).
Symbol
Parameter
Condition
Min
Typ
Max
Units
t
r, tf
Output Rise/Fall Times
Note 9
65
100
ps
(20% to 80%)
DJ
Deterministic Jitter
Notes 9, 10
20
pspp
Notes:
8. AC characteristics are guaranteed by design and characterization.
9. IMOD = 60mA.
10. Deterministic jitter measured using K28.5 pattern of 2.486Gbps, VID = 1600mVpp.
AC ELECTRICAL CHARACTERISTICS(8)
TYPICAL OPERATING CHARACTERISTICS
0
10
20
30
40
50
60
70
80
0
0.2 0.4 0.6 0.8
1
1.2 1.4
V
CNTRL (V)
I
MOD
vs. V
CNTRL
V
CC = 3.3V
T
A = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com