Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3010LLSL Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SI-3010LLSL
Description  1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3010LLSL Datasheet(HTML) 3 Page - Allegro MicroSystems

  SI-3010LLSL Datasheet HTML 1Page - Allegro MicroSystems SI-3010LLSL Datasheet HTML 2Page - Allegro MicroSystems SI-3010LLSL Datasheet HTML 3Page - Allegro MicroSystems SI-3010LLSL Datasheet HTML 4Page - Allegro MicroSystems SI-3010LLSL Datasheet HTML 5Page - Allegro MicroSystems SI-3010LLSL Datasheet HTML 6Page - Allegro MicroSystems SI-3010LLSL Datasheet HTML 7Page - Allegro MicroSystems SI-3010LLSL Datasheet HTML 8Page - Allegro MicroSystems SI-3010LLSL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SI-3010LLSL
1.5 A, Ultra-Low-Dropout,
1~3.3 V Regulator
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS at TA = +25°C, VI = 1.8 V, VO = 1.5 V adjusted, VS = 3.3 V, VE = 2 V (unless
otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Volt. Temp. Coeff.
aVO
0°C
≤ TJ ≤ 100°C
—
±0.2
—
mV/°C
Internal Reference Voltage
Vref
IO = 10 mA
0.980 1.000 1.020
V
Output Short-Circuit Current
IOM
see note
1.6
—
—
A
Line Regulation
ΔVO(ΔVI)
VI = 1.7 ~ 2.5 V, IO = 10 mA
—
—
10
mV
Load Regulation
ΔVO(ΔIO)
VI = 1.8 V, IO = 0 A ~ 1.0 A
—
—
30
mV
Dropout Voltage
VImin - VO
IO = 1.0 A
—
—
0.3
V
Ground Terminal Current
IGND
IO = 0 mA, VE = 2.0 V
—
500
800
μA
VE = 0 V
—
—
1.0
μA
Enable Input Voltage
VEH
Output ON
2.0
—
—
V
VEL
Output OFF
—
—
0.8
V
Enable Input Current
IEH
VE = 2.7 V
—
—
50
μA
IEL
VE = 0 V
—
—
10
μA
Ripple Rejection Ratio
PSRR
100 Hz
≤ f ≤ 120 Hz
—
60
—
dB
Thermal Shutdown
TJ
135
152
—
°C
Typical values are given for circuit design information only.
Note: Output short-circuit current is at point where output voltage has decreased 5% below VO(nom).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com