Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA7071MPR Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # SLA7071MPR
Description  Motor Driver IC Family
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7071MPR Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button SLA7071MPR Datasheet HTML 4Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 5Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 6Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 7Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 8Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 9Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 10Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 11Page - Allegro MicroSystems SLA7071MPR Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SLA7070M, SLA7071M,
SLA7072M, and SLA7073M
Motor Driver ICs
9
www.allegromicro.com
Stepper Motor
Coil Short Circuit
Coil Short Circuit
Normal Operation
Output Disable
VM
VOCP
+V
VREF
0
t
RSInt
VS
VS
Vg
Figure 4. Motor coil short circuit protect circuit operation. Overcurrent that flows with-
out passing the sense resistor is undetectable. To recover the circuit after protection oper-
ates, VDD must be cycled and started up again.
Protection Functions: PR Types
The PR types of the SLA7070M series include a motor coil
short-circuit protection circuit and a motor coil open protection
circuit. They are described in this section.
• Motor Coil Short-Circuit Protection (Load Short) Circuit
This protection circuit, embedded in the SLA7070M series,
begins to operate when the device detects an increase in the volt-
age level on the sense resistor, VSInt .
The voltage at which motor coil short-circuit protection
starts its operation, VOCP, is set at approximately 0.7 V. The out-
put is disabled at the time the protection circuit starts.
In order for the motor coil short-circuit protection circuit to
operate, VSInt must be greater than VOCP.
Overcurrent that flows without passing the sense resistor
is undetectable. To resume the circuit after protection operates,
VDD must be cycled.
• Motor Coil Open Protection
Details of this functions is not disclosed yet due to our pat-
ent policy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com