Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6803B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U6803B
Description  Triple Driver IC with Thermal Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6803B Datasheet(HTML) 2 Page - ATMEL Corporation

  U6803B_05 Datasheet HTML 1Page - ATMEL Corporation U6803B_05 Datasheet HTML 2Page - ATMEL Corporation U6803B_05 Datasheet HTML 3Page - ATMEL Corporation U6803B_05 Datasheet HTML 4Page - ATMEL Corporation U6803B_05 Datasheet HTML 5Page - ATMEL Corporation U6803B_05 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
4762B–AUTO–09/05
U6803B
2.
Pin Configuration
Figure 2-1.
Pinning SO8
3.
Basic Circuitry
The integrated circuit U6803B requires a stabilized supply voltage (V
S = 5V ±5%) to comply with
its electrical characteristics. An external buffer capacitor of C = 100 nF is recommended. An inte-
grated 14V Zener diode between V
S and ground protects the supply pin.
All input stages are provided with an integrated 250 k
Ω pull-up resistor and can be directly con-
nected to a microcontroller.
All output stages are open collectors, each capable of sinking 20 mA. Recommended external
components:
• Pull-up resistor, R = 1 k
Ω
• Capacitor to GND, C = 470 pF, see Figure 4-1 on page 3
1
2
3
4
8
7
6
5
VO1
GND
VO2
VO3
VI1
VS
VI2
VI3
Table 2-1.
Pin Description
Pin
Symbol
Function
1VO1
Output 1
2
GND
Ground
3VO2
Output 2
4VO3
Output 3
5
VI3
Input 3
6
VI2
Input 2
7
VS
Supply voltage 5V
8
VI1
Input 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com