Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA6821 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA6821
Description  High Speed Power Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6821 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA6821 Datasheet HTML 2Page - ATMEL Corporation ATA6821 Datasheet HTML 3Page - ATMEL Corporation ATA6821 Datasheet HTML 4Page - ATMEL Corporation ATA6821 Datasheet HTML 5Page - ATMEL Corporation ATA6821 Datasheet HTML 6Page - ATMEL Corporation ATA6821 Datasheet HTML 7Page - ATMEL Corporation ATA6821 Datasheet HTML 8Page - ATMEL Corporation ATA6821 Datasheet HTML 9Page - ATMEL Corporation ATA6821 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
4778B–AUTO–09/05
ATA6821
4.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Pin
Symbol
Min.
Max.
Unit
Supply voltage
1, 2
V
S
–0.3
30
V
Input voltage, voltage monitoring
3
V
Monitor
–0.3
V
S + 0.3
V
Output voltage
13, 14
V
Out
–0.3
V
S + 0.3
V
Output voltage FEED
8
V
FEED
–0.3
15
V
Input voltage
9
V
Input
–0.3
40
V
Input voltage measurement
5
V
Meas
–0.3
V
S + 0.3
V
Input voltage TEST pin
7
V
Test
–0.3
5
V
Output current FEED
8
I
FEED
–10
10
mA
Output current
13, 14
I
Out
–200
200
mA
Output current t
≤ 100 µs
13, 14
i
Out
–4
4
A
Ambient temperature range
T
amb
–40 to +100
°C
Junction temperature range
T
j
–40 to +150
°C
Storage temperature range
T
stg
–40 to +150
°C
5.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction to ambient
RthJA
130
K/W
6.
ESD Protection
Parameters
Test Conditions
Value
ESD (Human Body Model)
MIL-STD-883D Method 3015.7
±2 kV (pins 3 and 9: 1 kV)
ESD CDM (Charged Device Model)
STM 5.3.1 - 1999
±500V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com