Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4301AM-C Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP4301AM-C
Description  DUAL OP AMP AND VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4301AM-C Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4301AM-C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4301AM-C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4301AM-C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4301AM-C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4301AM-C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4301AM-C Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4301AM-C Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP4301AM-C Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP4301AM-C Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4301
9
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics (Continued)
-40
-20
0
20
40
60
80
100
120
0
5
10
15
20
25
30
Ambient Temperature (
oC)
0
2
4
6
8
10
12
14
16
18
20
60
70
80
90
100
110
Supply Voltage (V)
R
L
=2KΩ
R
L
=20KΩ
Figure10. Input Bias Current vs. Ambient Temperature
Figure 11. Op Amp Voltage Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com