Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM339
Description  LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM339 Datasheet HTML 9Page - Texas Instruments LM339 Datasheet HTML 10Page - Texas Instruments LM339 Datasheet HTML 11Page - Texas Instruments LM339 Datasheet HTML 12Page - Texas Instruments LM339 Datasheet HTML 13Page - Texas Instruments LM339 Datasheet HTML 14Page - Texas Instruments LM339 Datasheet HTML 15Page - Texas Instruments LM339 Datasheet HTML 16Page - Texas Instruments LM339 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
7.13 Electrical Characteristics for LM2901, LM2901V and LM2901AV
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA (2)
LM2901
UNIT
MIN
TYP
MAX
VIO
Input offset voltage
VIC = VICR min,
VO = 1.4 V,
VCC = 5 V to MAX(3)
Non-A devices
25°C
2
7
mV
Full range
15
A-suffix devices
25°C
1
2
Full range
4
IIO
Input offset current
VO = 1.4 V
25°C
5
50
nA
Full range
200
IIB
Input bias current
VO = 1.4 V
25°C
–25
–250
nA
Full range
–500
VICR
Common-mode input-
voltage range(4)
25°C
0 to
VCC – 1.5
V
Full range
0 to
VCC – 2
AVD
Large-signal differential-
voltage amplification
VCC = 15 V, VO = 1.4 V to 11.4 V,
RL ≥ 15 kΩ to VCC
25°C
25
100
V/mV
IOH
High-level output current
VID = 1 V
VOH = 5 V
25°C
0.1
50
nA
VOH = VCC MAX(3)
Full range
1
μA
VOL
Low-level output voltage
VID = –1 V,
IOL = 4 mA
Non-V devices
25°C
150
500
mV
V-suffix devices
150
400
All devices
Full range
700
IOL
Low-level output current
VID = –1 V,
VOL = 1.5 V
25°C
6
16
mA
ICC
Supply current
(four comparators)
VO = 2.5 V,
No load
VCC = 5 V
25°C
0.8
2
mA
VCC = MAX(3)
1
2.5
(1)
All characteristics are measured with zero common-mode input voltage, unless otherwise specified.
(2)
Full range (MIN to MAX) for LM2901 is –40°C to +125°C. All characteristics are measured with zero common-mode input voltage,
unless otherwise specified.
(3)
VCC MAX = 30 V for non-V devices, and 32 V for V-suffix devices
(4)
The voltage at either input or common-mode must not be allowed to go negative by more than 0.3 V. The upper end of the
common-mode voltage range is VCC+ – 1.5 V; however, one input can exceed VCC, and the comparator will provide a proper output
state as long as the other input remains in the common-mode range. Either or both inputs can go to VCC MAX without damage.
www.ti.com
LM139, LM239, LM339, LM339B, LM139A, LM239A
LM339A, LM2901B, LM2901, LM2901AV, LM2901V
SLCS006X – OCTOBER 1979 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM139 LM239 LM339 LM339B LM139A LM239A LM339A LM2901B LM2901 LM2901AV LM2901V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com