Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339X Datasheet(PDF) 25 Page - Texas Instruments

Part # LM339X
Description  LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM339X Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM339X Datasheet HTML 21Page - Texas Instruments LM339X Datasheet HTML 22Page - Texas Instruments LM339X Datasheet HTML 23Page - Texas Instruments LM339X Datasheet HTML 24Page - Texas Instruments LM339X Datasheet HTML 25Page - Texas Instruments LM339X Datasheet HTML 26Page - Texas Instruments LM339X Datasheet HTML 27Page - Texas Instruments LM339X Datasheet HTML 28Page - Texas Instruments LM339X Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
The following list describes the outcomes of some input voltage situations.
• When both IN– and IN+ are both within the common-mode range:
– If IN– is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking current
– If IN– is lower than IN+ and the offset voltage, the output is high impedance and the output transistor is
not conducting
• When IN– is higher than common mode and IN+ is within common mode, the output is low and the output
transistor is sinking current
• When IN+ is higher than common mode and IN– is within common mode, the output is high impedance and
the output transistor is not conducting
• When IN– and IN+ are both higher than common mode, see Section 2 of Application Design Guidelines for
LM339, LM393, TL331 Family Comparators Including the New B-versions
9.2.2.2 Minimum Overdrive Voltage
Overdrive voltage is the differential voltage produced between the positive and negative inputs of the comparator
over the offset voltage (VIO). To make an accurate comparison, the overdrive voltage (VOD) must be higher than
the input offset voltage (VIO). Overdrive voltage can also determine the response time of the comparator, with
the response time decreasing with increasing overdrive. Figure 9-2 and Figure 9-3 show positive and negative
response times with respect to overdrive voltage.
9.2.2.3 Output and Drive Current
Output current is determined by the load and pullup resistance and logic and pullup voltage. The output current
produces a low-level output voltage (VOL) from the comparator, where VOL is proportional to the output current.
The output current can also effect the transient response.
9.2.2.4 Response Time
Response time is a function of input over-drive. See the Section 7.19 graphs for typical response times. The rise
and fall times can be determined by the load capacitance (CL), load/pull-up resistance (RPULLUP) and equivalent
collector-emitter resistance (RCE).
• The rise time (τR) is approximately τR~ RPULLUP × CL
• The fall time (τF) is approximately τF ~ RCE × CL
– RCE can be determined by taking the slope of Figure 7-35 in its linear region at the desired temperature, or
by dividing the VOL by IOUT
www.ti.com
LM139, LM239, LM339, LM339B, LM139A, LM239A
LM339A, LM2901B, LM2901, LM2901AV, LM2901V
SLCS006X – OCTOBER 1979 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM139 LM239 LM339 LM339B LM139A LM239A LM339A LM2901B LM2901 LM2901AV LM2901V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com