Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV387DBVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV387DBVR
Description  TLVx387 High Precision, Zero-Drift, Low-Input-Bias-Current Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV387DBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV387DBVR Datasheet HTML 10Page - Texas Instruments TLV387DBVR Datasheet HTML 11Page - Texas Instruments TLV387DBVR Datasheet HTML 12Page - Texas Instruments TLV387DBVR Datasheet HTML 13Page - Texas Instruments TLV387DBVR Datasheet HTML 14Page - Texas Instruments TLV387DBVR Datasheet HTML 15Page - Texas Instruments TLV387DBVR Datasheet HTML 16Page - Texas Instruments TLV387DBVR Datasheet HTML 17Page - Texas Instruments TLV387DBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
6 Detailed Description
6.1 Overview
The TLVx387 family of zero-drift amplifiers is engineered with state-of-the-art, proprietary, precision zero-drift
technology. These amplifiers offer ultra-low input offset voltage and drift, and achieve excellent input and output
dynamic linearity. The TLVx387 operate from 1.7 V to 5.5 V, are unity-gain stable, and are designed for a wide
range of general-purpose and precision applications. The TLVx387 strengths also include a 5.7-MHz bandwidth,
8.5-nV/√Hz noise spectral density, and no 1/f noise, making the TLVx387 an excellent choice for interfacing with
sensor modules, and buffering high-fidelity, digital-to-analog converters (DACs).
6.2 Functional Block Diagram
+IN
–IN
OUT
Ripple Reduction
Technology
CLK
CLK
GM1
GM2
GM_FF
GM3
CCOMP
CCOMP
TLV387, TLV2387
SBOSA91A – DECEMBER 2021 – REVISED NOVEMBER 2023
www.ti.com
14
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV387 TLV2387



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com