Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM239ADE4 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LM239ADE4
Description  LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM239ADE4 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM239ADE4 Datasheet HTML 22Page - Texas Instruments LM239ADE4 Datasheet HTML 23Page - Texas Instruments LM239ADE4 Datasheet HTML 24Page - Texas Instruments LM239ADE4 Datasheet HTML 25Page - Texas Instruments LM239ADE4 Datasheet HTML 26Page - Texas Instruments LM239ADE4 Datasheet HTML 27Page - Texas Instruments LM239ADE4 Datasheet HTML 28Page - Texas Instruments LM239ADE4 Datasheet HTML 29Page - Texas Instruments LM239ADE4 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
9.2.3 Application Curves
Figure 9-2 and Figure 9-3 were generated with scope probe parasitic capacitance of 50 pF.
±1
0
1
2
3
4
5
6
-0.25
0.25
0.75
1.25
1.75
2.25
Time (usec)
5mV OD
20mV OD
100mV OD
C004
VCC = 5 V
VLogic = 5 V
RPULLUP = 5.1 kΩ
Figure 9-2. Response Time vs Output Voltage
(Positive Transition)
±1
0
1
2
3
4
5
6
±0.25 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Time (usec)
5mV OD
20mV OD
100mV OD
C006
VCC = 5 V
VLogic = 5 V
RPULLUP = 5.1 kΩ
Figure 9-3. Response Time vs Output Voltage
(Negative Transition)
9.3 Power Supply Recommendations
For fast response and comparison applications with noisy or AC inputs, use a bypass capacitor on the supply
pin to reject any variation on the supply voltage. This variation can affect the common-mode range of the
comparator input and create an inaccurate comparison.
9.4 Layout
9.4.1 Layout Guidelines
To create an accurate comparator application without hysteresis, maintain a stable power supply with minimized
noise and glitches, which can affect the high level input common-mode voltage range. To achieve this accuracy,
add a bypass capacitor between the supply voltage and ground. Place a bypass capacitor on the positive power
supply and negative supply (if available).
Note
If a negative supply is not being used, do not place a capacitor between the GND pin of the device
and system ground.
9.4.2 Layout Example
1OUT
1
1IN–
2
1IN+
3
GND
4
VCC
7
2OUT
6
2IN–
5
2IN+
0.1 F
μ
Ground
Bypass
Capacitor
Negative Supply or Ground
Positive Supply
0.1 F
μ
Ground
Only needed
for dual power
supplies
14
13
12
11
8
9
10
3IN+
3IN–
4IN+
4IN–
3OUT
4OUT
Figure 9-4. LMx39 Layout Example
LM139, LM239, LM339, LM339B, LM139A, LM239A
LM339A, LM2901B, LM2901, LM2901AV, LM2901V
SLCS006X – OCTOBER 1979 – REVISED OCTOBER 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM139 LM239 LM339 LM339B LM139A LM239A LM339A LM2901B LM2901 LM2901AV LM2901V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com