Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13NM60L-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 13NM60L-TN3-R
Description  13A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

13NM60L-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  13NM60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 13NM60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 13NM60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 13NM60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 13NM60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 13NM60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 13NM60L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 13NM60L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 13NM60L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
13NM60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R209-076.N
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
600
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
10
μA
Forward
VGS = 30V, VDS = 0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30V, VDS = 0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.5
4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 6.5A
0.45
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
760
pF
Output Capacitance
COSS
600
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
65
pF
Gate Resistance
RG
VDS =0V, VGS =0V, f =1MHz
1.185
Ω
SWITCHING CHARACTERISTICS
Total Gate Charge (Note 1)
QG
28.5
nC
Gate to Source Charge
QGS
4.5
nC
Gate to Drain Charge
QGD
VDS=480V, VGS=10V, ID=13A,
IG=1mA (Note 1,2)
10
nC
Turn-ON Delay Time (Note 1)
tD(ON)
10
nS
Rise Time
tR
24
nS
Turn-OFF Delay Time
tD(OFF)
80
nS
Fall-Time
tF
VDD =100V, ID =13A, RG =25Ω,
VGS=10V (Note 1,2)
47
nS
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
13
A
Maximum Body-Diode Pulsed Current
ISM
39
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS =13A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time (Note 1)
trr
370
nS
Body Diode Reverse Recovery Charge
Qrr
IS =13A, VGS=0V,
dIF/dt=100A/μs
5.4
μC
Notes: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com