Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD03V23TS-LC Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # ESD03V23TS-LC
Description  Transient Voltage Suppressors for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

ESD03V23TS-LC Datasheet(HTML) 2 Page - UN Semiconducctor INC

  ESD03V23TS-LC Datasheet HTML 1Page - UN Semiconducctor INC ESD03V23TS-LC Datasheet HTML 2Page - UN Semiconducctor INC ESD03V23TS-LC Datasheet HTML 3Page - UN Semiconducctor INC ESD03V23TS-LC Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristic Curves
Fig2. Power Rating Derating Curve
ROHS
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Electrical Characteristics @ 25℃ Unless Otherwise Specified )
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/3
ESDXXV23TS-LC Series
Transient Voltage Suppressors for ESD Protection
Fig3. ESD Pulse Waveform(according to IEC61000-4-2)
100%
90%
10%
tr
30ns
=
Time
60ns
Fig1. 8/20μs Pulse Waveform
0
5
10
15
20
25 30
120
tr
100
80
60
40
Peak Value IPP
20
0
td=t IPP/2
TEST
WAVEFORM
PARAMETERS
tr=8μs
td=20μs
t - Time (μs)
ESD03V23TS-LC
ESD05V23TS-LC
ESD08V23TS-LC
ESD12V23TS-LC
ESD15V23TS-LC
ESD18V23TS-LC
ESD24V23TS-LC
BW3
BW5
BW8
BWA
BWC
BWD
BWF
3.3
5.0
8.0
12.0
15.0
18.0
24.0
4.0
6.0
8.5
13.3
16.7
20.0
26.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
7.0
9.8
13.4
19.0
24.0
27.0
43.0
0.5
1
1
1
1
1
1
23
25
30
36
40
45
60
13
12
10
5
4.5
4
3
1.5
1.5
1.5
1.5
1.5
1.5
1.5
Part Number
Device
Marking
VRMW
(V)
(Max.)
VBR
(V)
(Min.)
IR
(uA)
(Max.)
C
(pF)
(Typ.)
IT
(mA)
VC
@1A
(Max.)
(Max.)
(@A)
VC
0
20 40 60 80 100 120 140 160 180 200
100
40
30
20
10
0
90
80
60
50
Ambient Temperature – TA (ºC)
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com