Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2316 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2316
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2316 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2316 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2316
1
Apr. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 1. Package Type of AP2316
SOT-89-3
General Description
The AP2316 is a series of low dropout three-terminal
regulators with a dropout of 1.1V at 600mA output cur-
rent.
This product has been optimized for low voltage where
transient response and minimum input voltage are criti-
cal. The AP2316 provides current limit and thermal
shutdown. Its circuit includes a trimmed bandgap refer-
ence to assure output voltage accuracy to be within
±1%. On-chip thermal shutdown provides protection
against any combination of overload and ambient tem-
peratures that would create excessive junction tem-
peratures.
The AP2316 is available in 2.5V and 3.3V versions.
The fixed versions integrate the corresponding resistor
divider.
The AP2316 is available in the industry standard SOT-
89-3 power package.
Features
·
Low Dropout Voltage: 1.1V at 600mA Output
Current
·
Output Noise from 10Hz to 10KHz: 0.003% of
VOUT
·
PSRR at IOUT=300mA and f=120Hz: 75dB
·
Output Voltage Accuracy:
± 1%
·
On-chip Thermal Shutdown
·
Maximum Quiescent Current: IQMAX=5mA
·
ESD (Human Body Model): 3.5KV
·
Operation Junction Temperature: -40 to 125oC
Applications
·
DVD/CD-ROM
·
USB Device
·
Add-on Card
·
DVD Player
·
PC Motherboard


Similar Part No. - AP2316

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP2316G10ST SCHNEIDER-AP2316G10ST Datasheet
72Kb / 2P
BUSWAY PLUG-IN STRAIGHT LGTH 10FT 1600A
Jun 3, 2020
AP2316G4ST SCHNEIDER-AP2316G4ST Datasheet
89Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 4FT 1600A
Jun 3, 2020
AP2316G8ST SCHNEIDER-AP2316G8ST Datasheet
63Kb / 2P
BUSWAY PLUG-IN STRAIGHT LENGTH 8 FOOT
Jun 3, 2020
logo
Advanced Power Electron...
AP2316GN-HF A-POWER-AP2316GN-HF Datasheet
64Kb / 4P
Simple Drive Requirement, Small Package Outline
AP2316GN-HF A-POWER-AP2316GN-HF_14 Datasheet
64Kb / 4P
Simple Drive Requirement
More results

Similar Description - AP2316

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
600mA Low-Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com