Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2302 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302
Description  3A DDR TERMINATION REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2302 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
2
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Pin Description
Pin Configuration
M Package
7
VCNTL
6
VCNTL
5
VCNTL
1
2
3
4
VIN
GND
REFEN
VOUT
(SOIC-8)
(TO-252-5L)
D Package
VIN
GND
VCNTL (TAB)
REFEN
VOUT
8
VCNTL
S5 Package
(TO-263-5L)
REFEN
VIN
GND
VCNTL (TAB)
VOUT
Pin Number
Pin
Name
Function
SOIC-8
TO-252-5L
TO-263-5L
1
1
1
VIN
Power Input
2
2
2
GND
Ground
3
4
4
REFEN
Reference Voltage Input and Chip Enable
45
5
VOUT
Output Voltage
5, 6, 7, 8
3
3
VCNTL
Supply Voltage for Internal Circuit (Internally Connected for SOIC-
8), (TAB for TO-252-5L and TO-263-5L)
Figure 2. Pin Configuration of AP2302 (Top View)
5
4
3
2
1
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com