Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5901A Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901A
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901A Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet
8
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
AM5901A
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Common Section
BATT Standby Current
IST
BATT=9V, VSYS1=VSYS2
=VREF=0V
05
µA
BATT Supply Current at No Load
IBAT
HVCC=0.45V, MUTE34=3.2V
2.5
4
mA
VSYS1 Supply Current at No Load
ISYS1
HVCC=0.45V, MUTE34=3.2V,
EI=0V
4.7
6.4
mA
VSYS2 Supply Current at No Load
ISYS2
HVCC=0.45V, MUTE34=3.2V
4.1
5.5
mA
CHGVCC Supply Current at No
Load
ICHGVCC
CHGVCC=4.5V, ROUT=OPEN
0.65
2
mA
H-bridge Driver Section
Voltage Gain (CH1,3,4)
GVC134
12
14
16
dB
Voltage Gain (CH2)
GVC2
21.5
23.5
25.5
dB
Gain Error by Polarity
∆G
VC
-2
0
2
dB
IN Pin Input Resistance (CH1,3,4)
RIN134
IN=1.7 and 1.8V
9.6
11
14.4
k
IN Pin Input Resistance (CH2)
RIN2
IN=1.7 and 1.8V
6.6
7.5
9.9
k
Maximum Output Voltage
VOUT
RL=8Ω, HVCC=BATT=4V, IN=0 to
3.2V
1.9
2.1
V
Lower Transistor Saturated
Voltage
VSATL
IO=-300mA, IN=0 and 3.2V
240
400
mV
Upper Transistor Saturated Voltage
VSATU
IO=300mA, IN=0 and 3.2V
240
400
mV
Input Offset Voltage
VIO
-8
8
mV
Output Offset Voltage (CH1,3,4)
VOO134
VREF=IN=1.6V
-54
0
54
mV
Output Offset Voltage (CH2)
VOO2
VREF=IN=1.6V
-134
0
134
mV
Dead Zone
VDB
-15
0
15
mV
BRAKE1 ON Threshold Voltage
VBRON
IN1=1.8V
2
V
BRAKE1 OFF Threshold Voltage
VBROFF
IN1=1.8V
0.8
V
MUTE2 ON Threshold Voltage
VM2ON
IN2=1.8V
2
V
MUTE2 OFF Threshold Voltage
VM2OFF
IN2=1.8V
0.8
V
Electrical Characteristics
(Typicals and limits apply for TA=25
oC, BATT=2.4V, VSYS1=VSYS2=3.2V, V
REF=1.6V, CHGVCC=0, CLK=88.2kHz,
unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com