Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM5901AF44 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901AF44
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901AF44 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901AF44 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet
7
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
AM5901A
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Control Circuit Power Supply Voltage
VSYS1
2.7
3.2
5.5
V
Pre-driver Power Supply Voltage
VSYS2
2.7
3.2
5.5
V
H-bridge Power Supply Voltage
HVCC
PWM
BATT
V
Power Unit Power Supply Voltage
BATT
(VCC)
1.6
2.4
8
V
Charging Circuit Power Supply Voltage
CHGVCC
3.0
4.5
8
V
Operating Temperature
TA
025
70
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute
Maximum Ratings" for extended periods may affect device reliability.
Note 2: Power dissipation is reduced by 5mW for each increase in TA of 1
oC over 25oC.
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
13.5
V
Driver Output Current
IO
500
mA
Power Dissipation
PD
625 (Note 2)
mW
Operating Junction Temperature
TJ
150
oC
Storage Temperature
TSTG
-55 to 150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com