Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC2.2-1209DRWH2AM Datasheet(PDF) 1 Page - Recom International Power

Part # REC2.2-1209DRWH2AM
Description  2.2 Watt DIP24 & SMD Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC2.2-1209DRWH2AM Datasheet(HTML) 1 Page - Recom International Power

  REC2.2-1209DRWH2AM Datasheet HTML 1Page - Recom International Power REC2.2-1209DRWH2AM Datasheet HTML 2Page - Recom International Power REC2.2-1209DRWH2AM Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Selection Guide
2.2 Watt
DIP24 & SMD
Single & Dual
Output
ECONOLINE
DC/DC-Converter
REC2.2-
S_DRW(Z)
/H* Series
● 2.2W DIP Package
● 1kVDC, 2kVDC & 3kVDC Isolation Options
● Regulated Output
● Wide Input Range 2 : 1 and 4 : 1
● UL94V-0 Package Material
● Continuous Short Circuit Protection
● Cost Effective
● 100% Burned In
● Efficiency to 84%
Features
Regulated
Converters
Part
Input
Output
Max Cap. Output
Number
Voltage
Voltage
Load
Current
DIP24 (SMD)
(VDC)
(VDC)
(µF)
(mA)
REC2.2-xx3.3SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
3.3
1000
600
REC2.2-xx05SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
5
470
440
REC2.2-xx09SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
9
220
244
REC2.2-xx12SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
12
120
183
REC2.2-xx15SRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
15
100
146
REC2.2-xx3.3DRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±3.3
±470
±300
REC2.2-xx05DRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±5
±220
±220
REC2.2-xx09DRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±9
±100
±122
REC2.2-xx12DRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±12
±68
±91
REC2.2-xx15DRW/H*
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±15
±47
±73
REC2.2-xx3.3SRWZ/H*
9 - 36, 18 - 72
3.3
1000
600
REC2.2-xx05SRWZ/H*
9 - 36, 18 - 72
5
470
440
REC2.2-xx09SRWZ/H*
9 - 36, 18 - 72
9
220
244
REC2.2-xx12SRWZ/H*
9 - 36, 18 - 72
12
120
183
REC2.2-xx15SRWZ/H*
9 - 36, 18 - 72
15
100
146
REC2.2-xx3.3DRWZ/H*
9 - 36, 18 - 72
±3.3
±470
±300
REC2.2-xx05DRWZ/H*
9 - 36, 18 - 72
±5
±220
±220
REC2.2-xx09DRWZ/H*
9 - 36, 18 - 72
±9
±100
±122
REC2.2-xx12DRWZ/H*
9 - 36, 18 - 72
±12
±68
±91
REC2.2-xx15DRWZ/H*
9 - 36, 18 - 72
±15
±47
±73
2:1 Input
4:1 Input
(REC2.2-S/DRW/H*)
(REC2.2-S/DRWZ/H*)
xx = 4.5-9Vin = 05
xx = 9-36Vin = 24
xx = 9-18Vin = 12
xx = 18-72Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
* use suffix /H1 for 1kVDC Isolation, /H2 for
2kVDC Isolation or /H3 for 3kVDC Isolation.
* add suffix "/A", "/B" or "/C" for Pinning, see
next page
* add suffix "/M" for metal case
* add suffix "/SMD" for SMD package
e.g. REC2.2-2412SRW/H1/AM = / Pinout "A"
with metal case
If the options "/M" for metal case and "/SMD" for SMD pinout are combined the maximum allowed isolation
voltage is 2kVDC because of the shorter distances between the pins and the metal-case so the only available
SMD-option in metal-case is "/H2". DIP-24 through-hole case and SMD-plastic case are not affected and
offer the full isolation barriers of 2kVDC for "/H2" option and 3kVDC for "/H3".
The /H2 and /H3 Version is not available in B Pinning.
Notes:
EN-60601-1 Certified
(Suffix H3)
UL-60950-1 Certified
January-2007
www.recom-international.com
96


Similar Part No. - REC2.2-1209DRWH2AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC2.2-1209DRW/H1 RECOM-REC2.2-1209DRW/H1 Datasheet
85Kb / 3P
2.2 Watt DIP24 Single & Dual Output
REC2.2-1209DRWZ/H1 RECOM-REC2.2-1209DRWZ/H1 Datasheet
85Kb / 3P
2.2 Watt DIP24 Single & Dual Output
More results

Similar Description - REC2.2-1209DRWH2AM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
3 Watt DIP24 & SMD, Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
2.2 Watt DIP24 Single & Dual Output
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
2.2 Watt DIP24 Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
3 Watt DIP24 & SMD Single & Dual Output
REC2.2-053.3SR RECOM-REC2.2-053.3SR_07 Datasheet
74Kb / 2P
2.2 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
3 Watt DIP24 & SMD Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
8 Watt DIP24/SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com