Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08EN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DAC08EN
Description  8-Bit high-speed multiplying D/A converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DAC08EN Datasheet(HTML) 1 Page - NXP Semiconductors

  DAC08EN Datasheet HTML 1Page - NXP Semiconductors DAC08EN Datasheet HTML 2Page - NXP Semiconductors DAC08EN Datasheet HTML 3Page - NXP Semiconductors DAC08EN Datasheet HTML 4Page - NXP Semiconductors DAC08EN Datasheet HTML 5Page - NXP Semiconductors DAC08EN Datasheet HTML 6Page - NXP Semiconductors DAC08EN Datasheet HTML 7Page - NXP Semiconductors DAC08EN Datasheet HTML 8Page - NXP Semiconductors DAC08EN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Philips Semiconductors Linear Products
Product specification
DAC08 Series
8-Bit high-speed multiplying D/A converter
716
August 31, 1994
853-0045 13721
DESCRIPTION
The DAC08 series of 8-bit monolithic multiplying Digital-to-Analog
Converters provide very high-speed performance coupled with low
cost and outstanding applications flexibility.
Advanced circuit design achieves 70ns settling times with very low
glitch and at low power consumption. Monotonic multiplying
performance is attained over a wide 20-to-1 reference current range.
Matching to within 1 LSB between reference and full-scale currents
eliminates the need for full-scale trimming in most applications.
Direct interface to all popular logic families with full noise immunity is
provided by the high swing, adjustable threshold logic inputs.
Dual complementary outputs are provided, increasing versatility and
enabling differential operation to effectively double the peak-to-peak
output swing. True high voltage compliance outputs allow direct
output voltage conversion and eliminate output op amps in many
applications.
All DAC08 series models guarantee full 8-bit monotonicity and
linearities as tight as 0.1% over the entire operating temperature
range. Device performance is essentially unchanged over the
±4.5V
to
±18V power supply range, with 37mW power consumption
attainable at
±5V supplies.
The compact size and low power consumption make the DAC08
attractive for portable and military aerospace applications.
FEATURES
• Fast settling output current—70ns
• Full-scale current prematched to ±1 LSB
• Direct interface to TTL, CMOS, ECL, HTL, PMOS
• Relative accuracy to 0.1% maximum over temperature range
• High output compliance -10V to +18V
• True and complemented outputs
• Wide range multiplying capability
• Low FS current drift — ±10ppm/°C
• Wide power supply range—±4.5V to ±18V
• Low power consumption—37mW at ±5V
APPLICATIONS
• 8-bit, 1µs A-to-D converters
• Servo-motor and pen drivers
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
F, N Packages
D1 Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
NOTE:
1. SO and non-standard pinouts.
VLC
IO
V–
IO
B1 (MSB)
B2
B3
B4
COMP
VREF–
VREF+
V+
B8 (LSB)
B7
B6
B5
V+
VREF+
VREF–
COMPEN
VLC
IO
V–
IO
B8 (LSB)
B7
B6
B5
B4
B3
B2
B1 (MSB)
TOP VIEW
TOP VIEW
• Waveform generators
• Audio encoders and attenuators
• Analog meter drivers
• Programmable power supplies
• CRT display drivers
• High-speed modems
• Other applications where low cost, high speed and complete in-
put/output versatility are required
• Programmable gain and attenuation
• Analog-Digital multiplication


Similar Part No. - DAC08EN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC08EP AD-DAC08EP Datasheet
218Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
DAC08EP AD-DAC08EP Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC08EPZ AD-DAC08EPZ Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
DAC08EQ AD-DAC08EQ Datasheet
260Kb / 12P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV.A
DAC08EQ AD-DAC08EQ Datasheet
218Kb / 12P
8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
More results

Similar Description - DAC08EN

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
10-Bit high-speed multiplying D/A converter
August 31, 1994
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
DAC-1408A ETC1-DAC-1408A Datasheet
399Kb / 6P
8-BIT MULTIPLYING D/A CONVERTER
logo
Advanced Micro Devices
AM1508 AMD-AM1508 Datasheet
336Kb / 4P
8-Bit Multiplying D/A Converter
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
8-bit multiplying D/A converter
2001 Aug 03
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
8-bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com